Electronic Components Datasheet Search
  English  ▼

X  

ADS8320 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8320
Description  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8320 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8320 Datasheet HTML 1Page - Texas Instruments ADS8320 Datasheet HTML 2Page - Texas Instruments ADS8320 Datasheet HTML 3Page - Texas Instruments ADS8320 Datasheet HTML 4Page - Texas Instruments ADS8320 Datasheet HTML 5Page - Texas Instruments ADS8320 Datasheet HTML 6Page - Texas Instruments ADS8320 Datasheet HTML 7Page - Texas Instruments ADS8320 Datasheet HTML 8Page - Texas Instruments ADS8320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADS8320
4
SBAS108D
www.ti.com
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from
performance degradation to complete device failure. Texas
Instruments recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
V
CC ....................................................................................................... +6V
Analog Input .............................................................. –0.3V to (V
CC + 0.3V)
Logic Input ............................................................................... –0.3V to 6V
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +125
°C
External Reference Voltage .............................................................. +5.5V
Input current to any pin except supply ............................................
±10mA
NOTE: (1) Stresses above these ratings may permanently damage the device.
PIN
NAME
DESCRIPTION
1VREF
Reference Input.
2
+In
Noninverting Input.
3
–In
Inverting Input. Connect to ground or to remote
ground sense point.
4
GND
Ground.
5
CS/SHDN
Chip Select when LOW, Shutdown Mode when
HIGH.
6DOUT
The serial output data word is comprised of 16
bits of data. In operation the data is valid on the
falling edge of DCLOCK. The
second clock pulse after the falling edge of CS
enables the serial output. After one null bit the
data is valid for the next 16 edges.
7
DCLOCK
Data Clock synchronizes the serial data transfer
and determines conversion speed.
8+VCC
Power Supply.
PIN ASSIGNMENTS
PIN CONFIGURATION
Top View
MSOP
1
2
3
4
8
7
6
5
+V
CC
DCLOCK
D
OUT
CS/SHDN
V
REF
+In
–In
GND
ADS8320
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
NO
INTEGRAL
MISSING
LINEARITY
CODE
SPECIFICATION
ERROR
ERROR
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(%)
(LSB)
PACKAGE
DESIGNATOR
RANGE
MARKING(2)
NUMBER(3)
MEDIA
ADS8320E
0.018
14
MSOP-8
DGK
–40
°C to +85°C
A20
ADS8320E/250
Tape and Reel
ADS8320E
""
"
"
"
"
ADS8320E/2K5
Tape and Reel
ADS8320EB
0.012
15
MSOP-8
DGK
–40
°C to +85°C
A20
ADS8320EB/250
Tape and Reel
ADS8320EB
""
"
"
"
"
ADS8320EB/2K5
Tape and Reel
NOTES: (1) For the most current product and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI website
at www.ti.com.
(2) Performance Grade information is marked on the reel.
(3) Models with a slash(/) are available only in tape and reel in quantities indicated (for example, /250 indicates 250 units per reel, /2K5 indicates
2500 devices per reel). Ordering 2500 pieces of ”ADS8320E/2K5“ will get a single 2500-piece tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com