Electronic Components Datasheet Search
  English  ▼

X  

ADS8320 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8320
Description  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8320 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8320 Datasheet HTML 2Page - Texas Instruments ADS8320 Datasheet HTML 3Page - Texas Instruments ADS8320 Datasheet HTML 4Page - Texas Instruments ADS8320 Datasheet HTML 5Page - Texas Instruments ADS8320 Datasheet HTML 6Page - Texas Instruments ADS8320 Datasheet HTML 7Page - Texas Instruments ADS8320 Datasheet HTML 8Page - Texas Instruments ADS8320 Datasheet HTML 9Page - Texas Instruments ADS8320 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADS8320
6
SBAS108D
www.ti.com
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +2.7V, VREF = +2.5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE, unless otherwise specified.
CHANGE IN OFFSET vs REFERENCE VOLTAGE
6
5
4
3
2
1
0
–1
–2
–3
12345
Reference Voltage (V)
V
CC = 5V
CHANGE IN OFFSET vs TEMPERATURE
3
2
1
0
−1
−2
−3
−50
−25
0
255075
100
Temperature (
°C)
5V
2.7V
CHANGE IN GAIN vs REFERENCE VOLTAGE
5
4
3
2
1
0
–1
–2
12345
Reference Voltage (V)
V
CC = 5V
FREQUENCY SPECTRUM
(8192 Point FFT, F
IN = 10.120kHz, –0.3dB)
0
–20
–40
–60
–80
–100
–120
–140
0
1020
30
4050
Frequency (kHz)
PEAK-TO-PEAK NOISE vs REFERENCE VOLTAGE
10
9
8
7
6
5
4
3
2
1
0
0.1
1
10
Reference Voltage (V)
V
CC = 5V
CHANGE IN GAIN vs TEMPERATURE
6
4
2
0
–2
–4
–6
–50
–25
0
25
50
75
100
Temperature (
°C)
5V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com