Electronic Components Datasheet Search
  English  ▼

X  

ADS8320 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8320
Description  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8320 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8320 Datasheet HTML 6Page - Texas Instruments ADS8320 Datasheet HTML 7Page - Texas Instruments ADS8320 Datasheet HTML 8Page - Texas Instruments ADS8320 Datasheet HTML 9Page - Texas Instruments ADS8320 Datasheet HTML 10Page - Texas Instruments ADS8320 Datasheet HTML 11Page - Texas Instruments ADS8320 Datasheet HTML 12Page - Texas Instruments ADS8320 Datasheet HTML 13Page - Texas Instruments ADS8320 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADS8320
10
SBAS108D
www.ti.com
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tSMPL
Analog Input Sample Time
4.5
5.0
Clk Cycles
tCONV
Conversion Time
16
Clk Cycles
tCYC
Throughput Rate
100
kHz
tCSD
CS Falling to
0
ns
DCLOCK LOW
tSUCS
CS Falling to
20
ns
DCLOCK Rising
thDO
DCLOCK Falling to
5
15
ns
Current DOUT Not Valid
tdDO
DCLOCK Falling to Next
30
50
ns
DOUT Valid
tdis
CS Rising to DOUT Tri-State
70
100
ns
ten
DCLOCK Falling to DOUT
20
50
ns
Enabled
tf
DOUT Fall Time
5
25
ns
tr
DOUT Rise Time
7
25
ns
FIGURE 3. ADS8320 Basic Timing Diagrams.
TABLE I. Timing Specifications (VCC = 2.7V and above,
–40
°C to +85°C.
DESCRIPTION
ANALOG VALUE
Full-Scale Range
VREF
Least Significant
VREF/65,536
Bit (LSB)
BINARY CODE
HEX CODE
Full-Scale
VREF – 1 LSB
1111 1111 1111 1111
FFFF
Midscale
VREF/2
1000 0000 0000 0000
8000
Midscale – 1LSB
VREF/2 – 1 LSB
0111 1111 1111 1111
7FFF
Zero
0V
0000 0000 0000 0000
0000
DIGITAL OUTPUT
STRAIGHT BINARY
TABLE II. Ideal Input Voltages and Output Codes.
SERIAL INTERFACE
The ADS8320 communicates with microprocessors and other
digital systems via a synchronous 3-wire serial interface, as
shown in Figure 3 and Table I. The DCLOCK signal syn-
chronizes the data transfer with each bit being transmitted on
the falling edge of DCLOCK. Most receiving systems will
capture the bitstream on the rising edge of DCLOCK. How-
ever, if the minimum hold time for DOUT is acceptable, the
system can use the falling edge of DCLOCK to capture each
bit.
A falling CS signal initiates the conversion and data transfer.
The first 4.5 to 5.0 clock periods of the conversion cycle are
used to sample the input signal. After the fifth falling
DCLOCK edge, DOUT is enabled and outputs a LOW value
for one clock period. For the next 16 DCLOCK periods,
DOUT outputs the conversion result, most significant bit first.
After the least significant bit (B0) has been output, subse-
quent clocks repeat the output data but in a least significant
bit first format.
After the most significant bit (B15) has been repeated, DOUT
will tri-state. Subsequent clocks will have no effect on the
converter. A new conversion is initiated only when CS has
been taken HIGH and returned LOW.
DATA FORMAT
The output data from the ADS8320 is in Straight Binary
format, as shown in Table II. This table represents the ideal
output code for the given input voltage and does not include
the effects of offset, gain error, or noise.
POWER DISSIPATION
The architecture of the converter, the semiconductor fabrica-
tion process, and a careful design allow the ADS8320 to
convert at up to a 100kHz rate while requiring very little
power. Still, for the absolute lowest power dissipation, there
are several things to keep in mind.
The power dissipation of the ADS8320 scales directly with
conversion rate. Therefore, the first step to achieving the
lowest power dissipation is to find the lowest conversion
rate that satisfies the requirements of the system.
In addition, the ADS8320 is in power-down mode under two
conditions: when the conversion is complete and whenever
CS is HIGH (as shown in Figure 3). Ideally, each conversion
should occur as quickly as possible, preferably at a 2.4MHz
clock rate. This way, the converter spends the longest
possible time in the power-down mode. This is very impor-
tant as the converter not only uses power on each DCLOCK
transition (as is typical for digital CMOS components), but
also uses some current for the analog circuitry, such as the
comparator. The analog section dissipates power continu-
ously, until the power-down mode is entered.
CS/SHDN
D
OUT
DCLOCK
Complete Cycle
Power Down
Conversion
Sample
Use positive clock edge for data transfer
t
SUCS
t
CONV
t
SMPL
NOTE: Minimum 22 clock cycles required for 16-bit conversion. Shown are 24 clock cycles.
If CS remains LOW at the end of conversion, a new datastream with LSB-first is shifted out again.
B15
(MSB)
B14 B13 B12 B11 B10 B9
B8
B0
(LSB)
B7
B1
B6
B2
B5
B3
B4
Hi-Z
0
Hi-Z
t
CSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com