Electronic Components Datasheet Search
  English  ▼

X  

HF81GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # HF81GS
Description  X Capacitor Bleeder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF81GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  HF81GS Datasheet HTML 1Page - Monolithic Power Systems HF81GS Datasheet HTML 2Page - Monolithic Power Systems HF81GS Datasheet HTML 3Page - Monolithic Power Systems HF81GS Datasheet HTML 4Page - Monolithic Power Systems HF81GS Datasheet HTML 5Page - Monolithic Power Systems HF81GS Datasheet HTML 6Page - Monolithic Power Systems HF81GS Datasheet HTML 7Page - Monolithic Power Systems HF81GS Datasheet HTML 8Page - Monolithic Power Systems HF81GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HF81
X Capacitor Bleeder
HF81 Rev. 1.12
www.MonolithicPower.com
1
11/15/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
HF81 is an innovative two-terminal IC that
automatically discharges an X capacitor while
eliminating power losses and allowing power
supplies to comply with safety standards.
The HF81 acts as a smart high-voltage switch
when placed in series with discharge resistors
(alternatively bleed resistors). In the presence
of an AC voltage, the HF81 blocks current flow
in the safety discharge resistors to reduce the
power loss in these components to zero at 230
VAC. When disconnected from the AC voltage,
the HF81 automatically and safely discharges
the X capacitor by closing the circuit through
the bleed resistors and directing the energy
away from the exposed AC plug.
Table 1: Component Selection Table
PN
X
Capacitance
Total Series
Resistance
Power
Saving
(1)
HF81
≤500nF
1.5MΩ
750nF
1MΩ
66mW
1μF
780kΩ
86mW
1.5μF
480kΩ
142mW
2μF
360kΩ
191mW
2.5μF
300kΩ
230mW
3.5μF
200kΩ
347mW
5μF
150kΩ
464mW
Notes:
1) The values are calculated at Vin=265Vac
FEATURES
 Disconnect series discharge resistors from
L-N when AC voltage is applied
 Connect series discharge resistors with L-N
to discharge the X capacitor when AC
voltage is unplugged
 Supplied by AC voltage directly and doesn’t
need external bias
 Meets safety standards for use before or
after input fuse
 No external ground pin leads to high
common mode surge immunity
 1000V internal JFET inside leads to high
differential surge immunity
 >4mm creepage on package and PCB
APPLICATIONS
 AC/DC converters with X capacitors larger
than 0.1μF
 All converters requiring ultra-low no-load
consumption and low standby power
 Appliances requiring EuP Lot 6 compliance
 Appliances requiring Energy Star V2.0
 White Goods (For example, Dishwasher,
Washing Machine, Air-Conditioner and etc.)
 Server Power, Telecom Power, ATX Power
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - HF81GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF812DEF ETC1-HF812DEF Datasheet
98Kb / 2P
SUBMINIATURE POWER RELAY
HF812DENIL ETC1-HF812DENIL Datasheet
98Kb / 2P
SUBMINIATURE POWER RELAY
HF812DNILF ETC1-HF812DNILF Datasheet
98Kb / 2P
SUBMINIATURE POWER RELAY
HF812DNILNIL ETC1-HF812DNILNIL Datasheet
98Kb / 2P
SUBMINIATURE POWER RELAY
More results

Similar Description - HF81GS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7232 CLARE-CPC7232 Datasheet
609Kb / 13P
8-Channel High Voltage Analog Switch with Built-in Bleeder Resistors
logo
IXYS Corporation
CPC7232 IXYS-CPC7232_12 Datasheet
1Mb / 14P
8-Channel HV Analog Switch with Built-in Bleeder Resistors
logo
Panasonic Semiconductor
ECH-U1H154JC9 PANASONIC-ECH-U1H154JC9 Datasheet
123Kb / 2P
FILM CHIP CAPACITOR ECHU(X)
logo
Ralston Instruments.
QTHA-HNS0 RALSTON-QTHA-HNS0 Datasheet
281Kb / 1P
Connects through the bleeder screw port on a DP transmitter
logo
Panasonic Semiconductor
ECH-U1H124JC9 PANASONIC-ECH-U1H124JC9 Datasheet
123Kb / 2P
FILM CHIP CAPACITOR ECHU(X)
logo
Power Integrations, Inc...
CAP002DG-TL POWERINT-CAP002DG-TL Datasheet
604Kb / 8P
Zero Loss Automatic X Capacitor Discharge IC
logo
NXP Semiconductors
TEA1708T PHILIPS-TEA1708T Datasheet
116Kb / 11P
GreenChip X capacitor discharge IC
Rev. 1-25 September 2013
logo
Omron Electronics LLC
G3FM OMRON-G3FM Datasheet
617Kb / 5P
100-關A-max. Leakage Current, No Bleeder Resistor Required
logo
IXYS Corporation
CPC7232 IXYS-CPC7232 Datasheet
275Kb / 12P
8-Channel HV Analog Switch with Built-in Bleeder Resistors
logo
NXP Semiconductors
TEA1708T NXP-TEA1708T_V01 Datasheet
210Kb / 12P
GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com