Electronic Components Datasheet Search
  English  ▼

X  

MP1907 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1907
Description  100V, 2.5A, High Frequency Half-bridge Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1907 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1907 Datasheet HTML 1Page - Monolithic Power Systems MP1907 Datasheet HTML 2Page - Monolithic Power Systems MP1907 Datasheet HTML 3Page - Monolithic Power Systems MP1907 Datasheet HTML 4Page - Monolithic Power Systems MP1907 Datasheet HTML 5Page - Monolithic Power Systems MP1907 Datasheet HTML 6Page - Monolithic Power Systems MP1907 Datasheet HTML 7Page - Monolithic Power Systems MP1907 Datasheet HTML 8Page - Monolithic Power Systems MP1907 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP1907
100V, 2.5A, High Frequency
Half-bridge Gate Driver
MP1907 Rev. 1.1
www.MonolithicPower.com
1
11/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1907 is a high frequency, 100V half
bridge N-channel power MOSFET driver. Its low
side and high side driver channels are
independently controlled and matched with less
than 5ns in time delay. Under-voltage lock-out
both high side and low side supplies force their
outputs low in case of insufficient supply. Both
outputs will remain low until a rising edge on
either
input
is
detected.
The
integrated
bootstrap diode reduces external component
count.
FEATURES
• Drives N-channel MOSFET half bridge
• 100V VBST voltage range
• Input signal overlap protection
• On-chip bootstrap diode
• Typical 20ns propagation delay time
• Less than 5ns gate drive mismatch
• Drive 1nF load with 12ns/9ns rise/fall times
with 12V VDD
• TTL compatible input
• Less than 150μA quiescent current
• Less than 5μA shutdown current
• UVLO for both high side and low side
• In 3×3mm QFN10 Packages
APPLICATIONS
• Battery Powered Hand Tool
• Telecom half bridge power supplies
• Avionics DC-DC converters
• Active-clamp Forward Converters
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Micro
Controller
3.3V
BATT
Floating
Driver
Low -side
Driver
M
MP1907
INH
INL
EN
VDD
BST
DRVH
SW
DRVL
13
4
5
10
9
7
6
8
VSS


Similar Part No. - MP1907

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1907GQ MPS-MP1907GQ Datasheet
212Kb / 6P
100V, High Frequency Half-Bridge Gate Driver EV Board
More results

Similar Description - MP1907

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
MP18024 MPS-MP18024 Datasheet
406Kb / 12P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP18021A MPS-MP18021A Datasheet
507Kb / 13P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
EV1907-Q-00A MPS-EV1907-Q-00A Datasheet
212Kb / 6P
100V, High Frequency Half-Bridge Gate Driver EV Board
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1924A MPS-MP1924A Datasheet
562Kb / 16P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1925 MPS-MP1925 Datasheet
578Kb / 14P
100V, 4A, High-Frequency, Half-Bridge Gate Driver
Rev. 1.01 7/28/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com