Electronic Components Datasheet Search
  English  ▼

X  

MP1907 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP1907
Description  100V, 2.5A, High Frequency Half-bridge Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1907 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP1907 Datasheet HTML 7Page - Monolithic Power Systems MP1907 Datasheet HTML 8Page - Monolithic Power Systems MP1907 Datasheet HTML 9Page - Monolithic Power Systems MP1907 Datasheet HTML 10Page - Monolithic Power Systems MP1907 Datasheet HTML 11Page - Monolithic Power Systems MP1907 Datasheet HTML 12Page - Monolithic Power Systems MP1907 Datasheet HTML 13Page - Monolithic Power Systems MP1907 Datasheet HTML 14Page - Monolithic Power Systems MP1907 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MP1907―100V, 2.5A, HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP1907 Rev. 1.1
www.MonolithicPower.com
14
11/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Active-Clamp Forward Converter
In active-clamp forward converter topology, the
MOSFETs are driven alternately. The high-side
MOSFET, along with capacitor Creset, is used to
reset the power transformer in a lossless manner.
This topology lends itself well to run at duty
cycles exceeding 50%. For these reasons, the
input voltage may not be able to run at 100V for
this application.
EN
INH
INL
VSS
DRVL
SW
DRVH
BST
NC
VDD
DRVL
DRVL
1
2
3
4
5
10
9
8
7
6
EN
INH
INL
Up to 100 V
VDD
9V to 18V
10µF
+
MP1907
Secondary
Circuit
+ Creset
Figure 4—Active-clamp Forward Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com