Electronic Components Datasheet Search
  English  ▼

X  

6595 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 6595
Description  8-BIT SERIAL-INPUT, DMOS POWER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6595 Datasheet(HTML) 1 Page - Allegro MicroSystems

  6595 Datasheet HTML 1Page - Allegro MicroSystems 6595 Datasheet HTML 2Page - Allegro MicroSystems 6595 Datasheet HTML 3Page - Allegro MicroSystems 6595 Datasheet HTML 4Page - Allegro MicroSystems 6595 Datasheet HTML 5Page - Allegro MicroSystems 6595 Datasheet HTML 6Page - Allegro MicroSystems 6595 Datasheet HTML 7Page - Allegro MicroSystems 6595 Datasheet HTML 8Page - Allegro MicroSystems 6595 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8-BIT SERIAL-INPUT,
DMOS POWER DRIVER
The A6595KA and A6595KLW combine an 8-bit CMOS shift
register and accompanying data latches, control circuitry, and DMOS
power driver outputs. Power driver applications include relays, sole-
noids, and other medium-current or high-voltage peripheral power
loads.
The serial-data input, CMOS shift register and latches allow direct
interfacing with microprocessor-based systems. Serial-data input rates
are over 5 MHz. Use with TTL may require appropriate pull-up
resistors to ensure an input logic high.
A CMOS serial-data output enables cascade connections in appli-
cations requiring additional drive lines. Similar devices with reduced
rDS(on) are available as the A6A595.
The A6595 DMOS open-drain outputs are capable of sinking up to
750 mA. All of the output drivers are disabled (the DMOS sink drivers
turned off) by the OUTPUT ENABLE input high.
The A6595KA is furnished in a 20-pin dual in-line plastic package.
The A6595KLW is furnished in a wide-body, small-outline plastic
package (SOIC) with gull-wing leads. Copper lead frames, reduced
supply current requirements, and low on-state resistance allow both
devices to sink 150 mA from all outputs continuously, to ambient
temperatures over 85
°C.
FEATURES
I 50 V Minimum Output Clamp Voltage
I 250 mA Output Current (all outputs simultaneously)
I 1.3 Ω Typical r
DS(on)
I Low Power Consumption
I Replacements for TPIC6595N and TPIC6595DW
6595
ADVANCE INFORMATION
(Subject to change without notice)
January 24, 2000
LOGIC
GROUND
1
2
3
8
9
13
14
15
16
17
19
4
5
6
7
12
18
20
SERIAL
DATA OUT
SERIAL
DATA IN
LOGIC
SUPPLY
VDD
STROBE
POWER
GROUND
CLOCK
CLK
ST
OUT7
OUT6
OUT5
Dwg. PP-029-13
OUT 0
OUT1
OUT 2
OUT 3
OUT 4
10
11
POWER
GROUND
POWER
GROUND
OUTPUT
ENABLE
OE
REGISTER
CLEAR
POWER
GROUND
CLR
Note that the A6595KA (DIP) and the A6595KLW (SOIC)
are electrically identical and share a common terminal
number assignment.
Always order by complete part number:
Part Number
Package
RθJA
RθJC
A6595KA
20-pin DIP
55
°C/W
25
°C/W
A6595KLW
20-lead SOIC
70
°C/W
17
°C/W
ABSOLUTE MAXIMUM RATINGS
at TA = 25
°C
Output Voltage, VO ............................... 50 V
Output Drain Current,
Continuous, IO .......................... 250 mA*
Peak, IOM ................................. 750 mA*†
Peak, IOM ....................................... 2.0 A†
Single-Pulse Avalanche Energy,
EAS ................................................. 75 mJ
Logic Supply Voltage, VDD .................. 7.0 V
Input Voltage Range,
VI ................................... -0.3 V to +7.0 V
Package Power Dissipation,
PD ........................................... See Graph
Operating Temperature Range,
TA ................................. -40
°C to +125°C
Storage Temperature Range,
TS ................................. -55
°C to +150°C
* Each output, all outputs on.
† Pulse duration
≤ 100 µs, duty cycle ≤ 2%.
Caution: These CMOS devices have input static
protection (Class 3) but are still susceptible to damage if
exposed to extremely high static electrical charges.


Similar Part No. - 6595

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
6595070121 FAIR-RITE-6595070121 Datasheet
513Kb / 1P
EP Cores
6595100121 FAIR-RITE-6595100121 Datasheet
513Kb / 1P
EP Cores
6595130121 FAIR-RITE-6595130121 Datasheet
512Kb / 1P
EP Cores
6595170121 FAIR-RITE-6595170121 Datasheet
513Kb / 1P
EP Cores
6595200121 FAIR-RITE-6595200121 Datasheet
514Kb / 1P
EP Cores
More results

Similar Description - 6595

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6A595 ALLEGRO-6A595 Datasheet
176Kb / 10P
8-BIT SERIAL-INPUT, DMOS POWER DRIVER
March 22, 2000
6B595 ALLEGRO-6B595 Datasheet
136Kb / 12P
8-BIT SERIAL-INPUT, DMOS POWER DRIVER
January 24, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
8-BIT LATCHED DMOS POWER DRIVER
A6B595KLW-T ALLEGRO-A6B595KLW-T Datasheet
343Kb / 10P
8-Bit Serial-Input DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
8-Bit Addressable, DMOS Power Driver
A6A595 ALLEGRO-A6A595 Datasheet
217Kb / 11P
8-Bit Serial Input, DMOS Power Driver
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
8-Bit Latched, DMOS Power Driver
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
8-Bit Latched, DMOS Power Driver
A6595 ALLEGRO-A6595 Datasheet
298Kb / 10P
8-Bit Serial Input DMOS Power Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com