Electronic Components Datasheet Search
  English  ▼

X  

6595 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 6595
Description  8-BIT SERIAL-INPUT, DMOS POWER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6595 Datasheet(HTML) 3 Page - Allegro MicroSystems

  6595 Datasheet HTML 1Page - Allegro MicroSystems 6595 Datasheet HTML 2Page - Allegro MicroSystems 6595 Datasheet HTML 3Page - Allegro MicroSystems 6595 Datasheet HTML 4Page - Allegro MicroSystems 6595 Datasheet HTML 5Page - Allegro MicroSystems 6595 Datasheet HTML 6Page - Allegro MicroSystems 6595 Datasheet HTML 7Page - Allegro MicroSystems 6595 Datasheet HTML 8Page - Allegro MicroSystems 6595 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6595
8-BIT SERIAL-INPUT,
DMOS POWER DRIVER
www.allegromicro.com
TRUTH TABLE
Shift Register Contents
Serial
Latch Contents
Output Contents
Data
ClockData
Output
Input
Input
I0
I1
I2
...
I6
I7
Output Strobe
I0
I1
I2
...
I6
I7
Enable
I0
I1
I2
…I6
I7
HH
R0 R1
…R5 R6
R6
LL
R0 R1
…R5 R6
R6
XR0 R1 R2
…R6 R7
R7
XXX
…
X
X
X
—
R0 R1 R2
…R6 R7
P0 P1 P2
…P6 P7
P7
P0 P1 P2
…P6 P7
LP0 P1 P2
…P6 P7
XXX
…
X
X
H
H
H
H
…
H
H
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
SERIAL DATA OUT
LOGIC INPUTS
Dwg. EP-063-2
V
DD
OUT
DMOS POWER DRIVER OUTPUT
IN
Dwg. EP-010-15
V
DD
Dwg. EP-063-3
OUT
RECOMMENDED OPERATING CONDITIONS
over operating temperature range
Logic Supply Voltage Range, VDD ............... 4.5 V to 5.5 V
High-Level Input Voltage, VIH ............................
≥ 0.85VDD
Low-level input voltage, VIL .................................
≤0.15VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com