Electronic Components Datasheet Search
  English  ▼

X  

6595 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 6595
Description  8-BIT SERIAL-INPUT, DMOS POWER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6595 Datasheet(HTML) 4 Page - Allegro MicroSystems

  6595 Datasheet HTML 1Page - Allegro MicroSystems 6595 Datasheet HTML 2Page - Allegro MicroSystems 6595 Datasheet HTML 3Page - Allegro MicroSystems 6595 Datasheet HTML 4Page - Allegro MicroSystems 6595 Datasheet HTML 5Page - Allegro MicroSystems 6595 Datasheet HTML 6Page - Allegro MicroSystems 6595 Datasheet HTML 7Page - Allegro MicroSystems 6595 Datasheet HTML 8Page - Allegro MicroSystems 6595 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
6595
8-BIT SERIAL-INPUT,
DMOS POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Breakdown
V(BR)DSX
IO = 1 mA
50
—
—
V
Voltage
Off-State Output
IDSX
VO = 40 V
—
0.05
1.0
µA
Current
VO = 40 V, TA = 125
°C
—
0.15
5.0
µA
Static Drain-Source
rDS(on)
IO = 250 mA, VDD = 4.5 V
—
1.3
2.0
Ω
On-State Resistance
IO = 250 mA, VDD = 4.5 V, TA = 125°C—
2.0
3.2
Ω
IO = 500 mA, VDD = 4.5 V (see note)
—
1.3
2.0
Ω
Nominal Output
ION
VDS(on) = 0.5 V, TA = 85
°C
—
250
—
mA
Current
Logic Input Current
IIH
VI = VDD = 5.5 V
—
—
1.0
µA
IIL
VI = 0, VDD = 5.5 V
—
—
-1.0
µA
Logic Input Hysteresis
VI(hys)
—1.3
—
V
SERIAL-DATA
VOH
IOH = -20
µA, VDD = 4.5 V
4.4
4.49
—
V
Output Voltage
IOH = -4 mA, VDD = 4.5 V
4.1
4.3
—
V
VOL
IOL = 20 µA, VDD = 4.5 V
—
0.002
0.1
V
IOL = 4 mA, VDD = 4.5 V
—
0.2
0.4
V
Prop. Delay Time
tPLH
IO = 250 mA, CL = 30 pF
—
650
—
ns
tPHL
IO = 250 mA, CL = 30 pF
—
150
—
ns
Output Rise Time
tr
IO = 250 mA, CL = 30 pF
—
7500
—
ns
Output Fall Time
tf
IO = 250 mA, CL = 30 pF
—
425
—
ns
Supply Current
IDD(OFF)
All inputs low
—
15
100
µA
IDD(ON)
VDD = 5.5 V, Outputs on
—
150
300
µA
IDD(fclk)
fclk = 5 MHz, CL = 30 pF, Outputs off
—
0.6
5.0
mA
Typical Data is at VDD = 5 V and is for design information only.
NOTE — Pulse test, duration
≤100 µs, duty cycle ≤2%.
ELECTRICAL CHARACTERISTICS at TA = +25
°C, V
DD = 5 V, tir = tif
≤ 10 ns (unless otherwise
specified).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com