Electronic Components Datasheet Search
  English  ▼

X  

MP2107 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2107
Description  4A, 6V Synchronous Step-Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2107 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2107 Datasheet HTML 1Page - Monolithic Power Systems MP2107 Datasheet HTML 2Page - Monolithic Power Systems MP2107 Datasheet HTML 3Page - Monolithic Power Systems MP2107 Datasheet HTML 4Page - Monolithic Power Systems MP2107 Datasheet HTML 5Page - Monolithic Power Systems MP2107 Datasheet HTML 6Page - Monolithic Power Systems MP2107 Datasheet HTML 7Page - Monolithic Power Systems MP2107 Datasheet HTML 8Page - Monolithic Power Systems MP2107 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP2107/MP2107A – 4A, 6V SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR
MP2107/MP2107A Rev. 1.1
www.MonolithicPower.com
3
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = VEN = 3.6V, VCC = 5V (MP2107A Only), TA = +25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
Supply Current
VEN = VIN
VFB = 0.85V
750
µA
Shutdown Current
VEN = 0V, VIN = 6V
1
µA
IN
Undervoltage
Lockout
Threshold
Rising Edge
2.59
2.69
V
IN
Undervoltage
Lockout
Hysteresis
210
mV
Regulated FB Voltage
TA = +25°C
0.776
0.800
0.824
V
FB Input Current
VFB = 0.85V
±50
nA
EN High Threshold
-40°C ≤ TA ≤ +85°C
1.6
V
EN Low Threshold
-40°C ≤ TA ≤ +85°C
0.4
V
Internal Soft-Start Time
120
µs
Maximum Synch Frequency
2
MHz
Minimum Synch Frequency
1
MHz
Minimum On Time
50
ns
Maximum Duty Cycle
90
%
POK Upper Trip Threshold
FB respect to the nominal value
10
%
POK Lower Trip Threshold
FB respect to the nominal value
-10
%
POK Output Voltage Low
ISINK = 5mA
0.4
V
POK Deglitch Timer
30
µs
Thermal Shutdown Threshold
Hysteresis = 20°C
150
°C
Note:
5) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com