Electronic Components Datasheet Search
  English  ▼

X  

MP2107 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2107
Description  4A, 6V Synchronous Step-Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2107 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2107 Datasheet HTML 1Page - Monolithic Power Systems MP2107 Datasheet HTML 2Page - Monolithic Power Systems MP2107 Datasheet HTML 3Page - Monolithic Power Systems MP2107 Datasheet HTML 4Page - Monolithic Power Systems MP2107 Datasheet HTML 5Page - Monolithic Power Systems MP2107 Datasheet HTML 6Page - Monolithic Power Systems MP2107 Datasheet HTML 7Page - Monolithic Power Systems MP2107 Datasheet HTML 8Page - Monolithic Power Systems MP2107 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP2107/MP2107A – 4A, 6V SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR
MP2107/MP2107A Rev. 1.1
www.MonolithicPower.com
4
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC
Pin#
QFN
Pin#
Name
Description
–
6
POK
Open Drain Power Good Output. “HIGH” output indicates VOUT is within ±10%
window. “LOW” output indicates VOUT is out of ±10% window. POK is pulled down
in shutdown.
3
4, 7
IN
Input Supply. A decoupling capacitor to ground is required close to these pins to
reduce switching spikes.
6, 7
3, 8
SW
Switch Node Connection to the Inductor. These pins connect to the internal high
and low-side power MOSFET switches. All SW pins must be connected together
externally.
2
2, 9
GND
Ground. Connect these pins with larger copper areas to the negative terminals of
the input and output capacitors.
4
5
BS
Bootstrap. A capacitor between this pin and SW provides a floating supply for the
high-side gate driver.
1
1
FB
Feedback. This is the input to the error amplifier. An external resistive divider
connects this pin between the output and GND. The voltage on the FB pin
compares to the internal 0.8V reference to set the regulation voltage.
8
10
EN/SYNC
Enable and Frequency Synchronization Input Pin. Forcing this pin below 0.4V
shuts down the part. Forcing this pin above 1.6V turns on the part. Applying a
1MHz to 2MHz clock signal to this pin synchronizes the internal oscillator frequency
to the external clock.
5
–
VCC
Logic circuitry bias supply. Connect directly to VIN or 3.3V to 5V supply. Bypass
with a low ESR 1µF ceramic capacitor as close to the pin as possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com