Electronic Components Datasheet Search
  English  ▼

X  

MP2107 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2107
Description  4A, 6V Synchronous Step-Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2107 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2107 Datasheet HTML 6Page - Monolithic Power Systems MP2107 Datasheet HTML 7Page - Monolithic Power Systems MP2107 Datasheet HTML 8Page - Monolithic Power Systems MP2107 Datasheet HTML 9Page - Monolithic Power Systems MP2107 Datasheet HTML 10Page - Monolithic Power Systems MP2107 Datasheet HTML 11Page - Monolithic Power Systems MP2107 Datasheet HTML 12Page - Monolithic Power Systems MP2107 Datasheet HTML 13Page - Monolithic Power Systems MP2107 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP2107/MP2107A – 4A, 6V SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR
MP2107/MP2107A Rev. 1.1
www.MonolithicPower.com
12
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
BS
IN
POK
SW
EN/SYNC
FB
GND
MP2107
4,7
5
3,8
1
2,9
6
10
Vin
2.7V to 5 V
Vout
1.8V/4A
C3
47
R1
400k
R2
316k
L1
1
C4
100nF
C2
10
R3
100k
R4
100k
C1
10
D1
B0530
Figure 4—Typical application circuit of MP2107
BS
IN
Vcc
SW
EN/SYNC
FB
GND
MP2107A
34
6,7
1
2
5
8
Vin
2.7V to 5V
Vout
1.8V/4A
C2
47
R1
400k
R2
316k
L1
1
C4
100nF
C1
22
R4
100k
R3
10
C3
1
D1
B0530
Figure 5—Typical application circuit of MP2107A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com