Electronic Components Datasheet Search
  English  ▼

X  

CS401 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # CS401
Description  Standard Cell CS401 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS401 Datasheet(HTML) 4 Page - fujitsu semiconductor

  CS401 Datasheet HTML 1Page - fujitsu semiconductor CS401 Datasheet HTML 2Page - fujitsu semiconductor CS401 Datasheet HTML 3Page - fujitsu semiconductor CS401 Datasheet HTML 4Page - fujitsu semiconductor CS401 Datasheet HTML 5Page - fujitsu semiconductor CS401 Datasheet HTML 6Page - fujitsu semiconductor CS401 Datasheet HTML 7Page - fujitsu semiconductor CS401 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS401 Series
4
DS601-00001-2v0-E
■ ABSOLUTE MAXIMUM RATINGS
*1: VSS = 0 V
*2: Internal gates
*3: 1.8 V interface on dual-power supply system
*4: 2.5 V interface on dual-power supply system
*5: 3.3 V interface on dual-power supply system
*6: The output current varies depending on the number of wiring layers in the chip and the wiring configuration
of the I/O cells. Contact the sales representative for details.
*7: For details about the power supply pin current, contact the sales representative.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VDD
− 0.4
+ 1.4
V
*2
− 0.5
+ 2.5
*3
− 0.5
+ 3.6
*4
− 0.5
+ 4.6
*5
Input voltage*1
VI
− 0.5
VDD
+ 0.5 ( ≤ 2.5 V)
V
*3
− 0.5
VDD
+ 0.5 ( ≤ 3.6 V)
*4
− 0.5
VDD
+ 0.5 ( ≤ 4.6 V)
*5
Output voltage*1
VO
− 0.5
VDD
+ 0.5 ( ≤ 2.5 V)
V
*3
− 0.5
VDD
+ 0.5 ( ≤ 3.6 V)
*4
− 0.5
VDD
+ 0.5 ( ≤ 4.6 V)
*5
Storage temperature
TSTG
− 55
+ 125
°C
Operation junction temperature
Tj
− 40
+ 125
°C
Output current*6
IO
⎯⎯
mA
Power supply pin current*7
ID
⎯⎯
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com