Electronic Components Datasheet Search
  English  ▼

X  

CS401 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # CS401
Description  Standard Cell CS401 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS401 Datasheet(HTML) 1 Page - fujitsu semiconductor

  CS401 Datasheet HTML 1Page - fujitsu semiconductor CS401 Datasheet HTML 2Page - fujitsu semiconductor CS401 Datasheet HTML 3Page - fujitsu semiconductor CS401 Datasheet HTML 4Page - fujitsu semiconductor CS401 Datasheet HTML 5Page - fujitsu semiconductor CS401 Datasheet HTML 6Page - fujitsu semiconductor CS401 Datasheet HTML 7Page - fujitsu semiconductor CS401 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2012 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2012.10
Semicustom
CMOS
Standard Cell
CS401 Series
■ DESCRIPTION
The CS401 series of 28 nm standard cells is a line of CMOS ASICs that satisfy demands for lower power
consumption, higher speed and higher integration.
These cells offer the minimum level of leakage current in the semiconductor industry, and are able to imple-
ment a mixture of core transistors with four different threshold voltages, as appropriate for the applications
ranging from handheld terminals to digital audiovisual equipment.
The integration level in this series is twice the CS302 series with lower power consumption and higher speed.
■ FEATURES
• Technology
: 28 nm Metal-gate CMOS
: Maximum 11-metal layers. Ultra low permittivity material is used for dielectric
inter-layers.
: Four different types of core transistors (low leak, standard, high speed and ultra high
speed) can be used on the same chip.
• Supply voltage
: Internal power supply
:
+ 1.0 V ± 0.1 V
: External power supply
:
+ 1.8 V ± 0.15 V
(1.8V interface on dual-power supply system)
+ 2.5 V ± 0.2 V
(2.5V interface on dual-power supply system)
+ 3.3 V ± 0.3 V
(3.3V interface on dual-power supply system)
• Junction temperature range:
− 40 °C to + 125 °C (standard specification)
• Gate power consumption: 0.61 nW / gate (operating condition: 1.0 V, operating rate 0.5, 1 MHz)
• Support high-quality, various types of cell sets developed by FUJITSU SEMICONDUCTOR (from low power
versions to high speed versions).
• Support SRAMs with standby-mode and power-down mode for lower power consumption memories.
• Compiled cells (RAM, ROM, others)
• Support special interfaces (LVDS, SSTL, others).
• Support boundary SCAN test.
• Support use of industry standard libraries.
• Support use of industry standard tools.
• Short-term development using a physical prototyping tool
• One pass design using a physical synthesis tool
• Hierarchical design environment for supporting large-scale circuits
• Support Signal Integrity, EMI noise reduction.
(Continued)
DS601-00001-2v0-E


Similar Part No. - CS401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS400026 ETC-CS400026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400060 ETC-CS400060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400075 ETC-CS400075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400090 ETC-CS400090 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400125 ETC-CS400125 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS401

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
Standard Cell
CS81 FUJITSU-CS81 Datasheet
75Kb / 12P
Semicustom CMOS Standard cell
CS201 FUJITSU-CS201 Datasheet
70Kb / 9P
Semicustom CMOS Standard Cell
CS101 FUJITSU-CS101_07 Datasheet
88Kb / 12P
Standard Cell
CS200 FUJITSU-CS200_08 Datasheet
983Kb / 2P
65nm CMOS Standard Cell
logo
Epson Company
S1K50000 EPSON-S1K50000 Datasheet
1Mb / 130P
Standard-Cell Development Flow
S1K70000 EPSON-S1K70000 Datasheet
5Mb / 379P
STANDARD CELL / EMBEDDED ARRAY
S1X70000 EPSON-S1X70000 Datasheet
5Mb / 379P
STANDARD CELL / EMBEDDED ARRAY
logo
Aeroflex Circuit Techno...
UT130NHBD AEROFLEX-UT130NHBD Datasheet
75Kb / 8P
Hardened-by-Design (HBD) Standard Cell
logo
fujitsu semiconductor
CS91 FUJITSU-CS91 Datasheet
106Kb / 9P
Standard cell array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com