Electronic Components Datasheet Search
  English  ▼

X  

CS401 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # CS401
Description  Standard Cell CS401 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS401 Datasheet(HTML) 3 Page - fujitsu semiconductor

  CS401 Datasheet HTML 1Page - fujitsu semiconductor CS401 Datasheet HTML 2Page - fujitsu semiconductor CS401 Datasheet HTML 3Page - fujitsu semiconductor CS401 Datasheet HTML 4Page - fujitsu semiconductor CS401 Datasheet HTML 5Page - fujitsu semiconductor CS401 Datasheet HTML 6Page - fujitsu semiconductor CS401 Datasheet HTML 7Page - fujitsu semiconductor CS401 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS401 Series
DS601-00001-2v0-E
3
■ COMPILED CELL
Compiled cells are macro cells that can be automatically generated by specifying the bit/word configuration.
The following compiled cells are available for the CS401 series.
• Memory capacity
Name
Category
Memory capacity (bit)
Clock synchronous single-port RAM (1RW)
High-Density
64 to 1152 K
High-Speed
32 to 80 K
Large-Scale
16 K to 9 M
Clock synchronous dual port RAM (2RW)
High-Density
32 to 144 K
Clock synchronous ROM
⎯
128 to 1152 K
Clock synchronous register file (1RW)
⎯
80 to 36 K
Clock synchronous register file (1R1W)
⎯
32 to 72 K
Clock synchronous register file (2R2W)
⎯
16 to 18 K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com