Electronic Components Datasheet Search
  English  ▼

X  

7003 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 7003
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

7003 Datasheet(HTML) 2 Page - Allegro MicroSystems

  7003 Datasheet HTML 1Page - Allegro MicroSystems 7003 Datasheet HTML 2Page - Allegro MicroSystems 7003 Datasheet HTML 3Page - Allegro MicroSystems 7003 Datasheet HTML 4Page - Allegro MicroSystems 7003 Datasheet HTML 5Page - Allegro MicroSystems 7003 Datasheet HTML 6Page - Allegro MicroSystems 7003 Datasheet HTML 7Page - Allegro MicroSystems 7003 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7003
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAY
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
PARTIAL SCHEMATIC
(one of seven drivers)
Dwg. WP-001
ZENER CLAMP
DIODE CLAMP
V CC
V CE(SAT)
I OUT
I CEX
V
+ V
CC
F
V
+ V
+ V
CC
Z
F
A Zener diode can be used to increase the flyback
voltage. This gives a much faster inductive load turn-
OFF current decay. The maximum Zener voltage plus
the load supply voltage plus the internal diode forward
voltage must not exceed the device’s rated sustaining
voltage.
COM
7.2K
3K
2.7K
Dwg. No. A-9651
93
Ω
50
Ω
50 pF
C
I
V in
V out
VCC
Dwg. EP-020
PULSE
GENERATOR
PRR = 10 kHz
DC = 50%
SWITCHING DELAY TEST CIRCUIT
t pd
0
Dwg. WP-010
50%
50%
50%
50%
t pd
Vin
TURN ON
TURN OFF
V out
Dwg. No. WP-010
V
in
= 3.5 V for ULN7003A
Copyright © 1985, 2000 Allegro MicroSystems, Inc.
50
75
100
125
150
2.5
0.5
0
AMBIENT TEMPERATURE IN
°C
2.0
1.5
1.0
25
Dwg. GP-018B
SUFFIX 'A', R
= 60
°C/W
θJA
SUFFIX 'LW', R
= 80
°C/W
θJA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com