Electronic Components Datasheet Search
  English  ▼

X  

7003 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 7003
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

7003 Datasheet(HTML) 3 Page - Allegro MicroSystems

  7003 Datasheet HTML 1Page - Allegro MicroSystems 7003 Datasheet HTML 2Page - Allegro MicroSystems 7003 Datasheet HTML 3Page - Allegro MicroSystems 7003 Datasheet HTML 4Page - Allegro MicroSystems 7003 Datasheet HTML 5Page - Allegro MicroSystems 7003 Datasheet HTML 6Page - Allegro MicroSystems 7003 Datasheet HTML 7Page - Allegro MicroSystems 7003 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7003
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAY
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at TA = +25°C (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VCE = 135 V
—
—
50
µA
VCE = 135 V, TA = +70°C
—
—
100
µA
Output Sustaining Voltage
VCE(sus)
IC = 250 mA, L = 2 mH
90
—
—
V
Output Saturation Voltage
VCE(SAT)
IC = 100 mA, IIN = 250 µA
—
1.1
1.3
V
IC = 250 mA, IIN = 350 µA
—
1.3
1.6
V
Input Current
IIN(ON)
VIN = 3.85 V
—
0.93
1.35
mA
IIN(OFF)
IC = 500 µA, TA = +70°C50
65
—
µA
Input Voltage
VIN(ON)
VCE = 2.0 V, IC = 200 mA
—
—
2.4
V
VCE = 2.0 V, IC = 250 mA
—
—
2.7
V
Input Capacitance
CIN
—15
25
pF
Switching Delay
tpd
Turn On, IC = 250 mA
—
0.05
1.0
µs
Turn Off, IC = 250 mA
—
0.5
1.0
µs
Clamp Diode Leakage Current
IR
VR = 150 V
—
—
50
µA
VR = 150 V, TA = +70°C
—
—
100
µA
Clamp Diode Forward Voltage
VF
IF = 250 mA
—
1.7
2.0
V
Typical Data is for design information only.
TYPICAL INPUT CURRENT
AS A FUNCTION OF INPUT VOLTAGE
at TA = +25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com