Electronic Components Datasheet Search
  English  ▼

X  

7003 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 7003
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

7003 Datasheet(HTML) 4 Page - Allegro MicroSystems

  7003 Datasheet HTML 1Page - Allegro MicroSystems 7003 Datasheet HTML 2Page - Allegro MicroSystems 7003 Datasheet HTML 3Page - Allegro MicroSystems 7003 Datasheet HTML 4Page - Allegro MicroSystems 7003 Datasheet HTML 5Page - Allegro MicroSystems 7003 Datasheet HTML 6Page - Allegro MicroSystems 7003 Datasheet HTML 7Page - Allegro MicroSystems 7003 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7003
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAY
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ALLOWABLE PEAK COLLECTOR CURRENT AS A
FUNCTION OF DUTY CYCLE
10
DUTY CYCLE IN PER CENT
300
Dwg. GP-015A
50
30
75
150
100
70
100
250
200
20
TA = +50
°C
R
θJA = 60
°C/W
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
7
6
5
4
10
DUTY CYCLE IN PER CENT
300
Dwg. GP-015-1A
50
30
75
150
100
70
100
250
200
20
TA = +70
°C
R
θJA = 60
°C/W
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
7
6
5
4
3
ULN7003LW at TA = +50
°C
ULN7003A at TA = +50°C
ULN7003A at TA = +70°C
ULN7003LW at TA = +70°C
10
DUTY CYCLE IN PER CENT
300
Dwg. GP-015-3
50
30
75
150
100
70
100
250
200
20
TA = +70
°C
R
θJA = 80
°C/W
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
7
6
5
4
3
10
DUTY CYCLE IN PER CENT
300
Dwg. GP-015-2
50
30
75
150
100
70
100
250
200
20
TA = +50
°C
R
θJA = 80
°C/W
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
7
6
5
4
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com