Electronic Components Datasheet Search
  English  ▼

X  

8205 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 8205
Description  LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8205 Datasheet(HTML) 1 Page - Allegro MicroSystems

  8205 Datasheet HTML 1Page - Allegro MicroSystems 8205 Datasheet HTML 2Page - Allegro MicroSystems 8205 Datasheet HTML 3Page - Allegro MicroSystems 8205 Datasheet HTML 4Page - Allegro MicroSystems 8205 Datasheet HTML 5Page - Allegro MicroSystems 8205 Datasheet HTML 6Page - Allegro MicroSystems 8205 Datasheet HTML 7Page - Allegro MicroSystems 8205 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONLY
Designed specifically to meet the requirement for extended opera-
tion of battery-powered equipment such as cordless and cellular tele-
phones, the A8205SLH voltage regulators offer the reduced dropout
voltage and quiescent current essential for maximum battery life.
Applicable also to palmtop computers and personal data assistants,
these devices deliver a regulated output at up to 200 mA (transient),
which is limited only by package power dissipation. Regulated output
voltages of 2.7, 2.8, 3.0, 3.3, 3.6, 4.0, and 5.0 V are currently provided.
Other voltages, down to 2.0 volts, are available on special order.
A PMOS pass element provides a typical dropout voltage of only
75 mV at 100 mA of load current. The low dropout voltage permits
deeper battery discharge before output regulation is lost. Quiescent
current does not increase significantly as the dropout voltage is ap-
proached, an ideal feature in standby/resume power systems where data
integrity is crucial. Regulator accuracy and excellent temperature
characteristics are provided by a bandgap reference. The A8205SLH
includes an ENABLE input to give the designer complete control over
power up, standby, or power down.
These devices are supplied in a thermally enhanced 5-lead small-
outline plastic package similar to the SOT-23, and fitting the SC-74A
footprint. All devices are rated for operation over a temperature range
of -20
°C to +85°C.
FEATURES AND BENEFITS
I High Efficiency Provides Extended Battery Life
I 75 mV Typical Dropout Voltage at I
O = 100 mA
I 55 µA Typical Quiescent Current
Less Than 1
µA “Sleep” Current
I Low Output Noise
I 200 mA Peak Output Current
I Improved PSRR and Transient Performance
APPLICATIONS
I Cordless and Cellular Telephones
I Personal Data Assistants
I Personal Communicators
I Palmtop Computers
LOW-DROPOUT REGULATORS
— HIGH EFFICIENCY
Always order by complete part number, e.g., A8205SLH-xx , where “xx”
is the required output voltage in tenths or “ADJ” for adjustable.
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I . . . . . . . . . . . . . . .
7 V
Peak Output Current,
I
OM . . . . . . . . . . . . . . . . . .
200 mA*
Enable Input Voltage, V
E . . . . . . . . . .
V
I
Operating Temperature Range,
T
A . . . . . . . . . . . . .
-20
°C to +85°C
Junction Temperature, T
J . . . .
+150
°C
Storage Temperature Range,
T
S . . . . . . . . . . . .
-40
°C to +150°C
* Output current rating is limited by input
voltage, duty cycle, and ambient temperature.
Under any set of conditions, do not exceed a
junction temperature of +150
°C. See follow-
ing pages.
8205
Dwg. PS-021-5
VR
2
3
1
5
4
*NO CONNECTION (fixed regulators) or
ADJUST (A8205SLH-ADJ only).
PRELIMINARY INFORMATION
(subject to change without notice)
December 6, 1999


Similar Part No. - 8205

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
8205 VBSEMI-8205 Datasheet
963Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
8205 TUOFENG-8205 Datasheet
1Mb / 6P
Dual N-Channel MOSFET
Oct 2020 V1.1
logo
Belden Inc.
8205 BELDEN-8205 Datasheet
161Kb / 2P
Electronic, 2 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
logo
ASM GmbH
8205-10 ASM-SENSOR-8205-10 Datasheet
992Kb / 4P
MICRO HiCORDER
logo
Belden Inc.
8205.0030 BELDEN-8205.0030 Datasheet
161Kb / 2P
Electronic, 2 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8205

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8188 ALLEGRO-8188 Datasheet
163Kb / 12P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
July 13, 1999
8220 ALLEGRO-8220 Datasheet
137Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8226 ALLEGRO-8226 Datasheet
137Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8405 ALLEGRO-8405 Datasheet
118Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
High-Current Low-Dropout Regulators
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
Micrel Semiconductor
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
High-Current Low-Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com