Electronic Components Datasheet Search
  English  ▼

X  

8205 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 8205
Description  LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8205 Datasheet(HTML) 4 Page - Allegro MicroSystems

  8205 Datasheet HTML 1Page - Allegro MicroSystems 8205 Datasheet HTML 2Page - Allegro MicroSystems 8205 Datasheet HTML 3Page - Allegro MicroSystems 8205 Datasheet HTML 4Page - Allegro MicroSystems 8205 Datasheet HTML 5Page - Allegro MicroSystems 8205 Datasheet HTML 6Page - Allegro MicroSystems 8205 Datasheet HTML 7Page - Allegro MicroSystems 8205 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
8205
LOW-DROPOUT
REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
APPLICATIONS INFORMATION
Linear regulators require input and output capacitors in order to
maintain over-all loop stability. The recommended minimum
value for the input capacitor is 0.1
µF. The output capacitor is
the dominant pole that provides the high-frequency compensa-
tion required for over-all regulator loop stability. These devices
are stable with as little as 1
µF. However, to ensure stable
operation under all conditions and capacitor types, the recom-
mended minimum value is 4.7
µF. The output capacitor may be
partially distributed through the load circuits. However, at least
1
µF should be connected at the regulator using the shortest and
widest foil pattern possible.
The A8205SLH-ADJ requires an external voltage divider to set
up the desired regulated output voltage between 2.0 V and 6.8 V
(VI
≤ 7 V). The two resistors are chosen such that
VO = 1.26 (R1 + R2)/R2.
The resistor values are usually as high as possible to maintain
high circuit efficiency, but R2 should be less than 300 k
Ω.
Dwg. ES-015
ENABLE
(ACTIVE HIGH)
INPUT
(7.0 V MAX)
OUTPUT (2.0 V TO 6.8 V)
0.1
µF
(MIN)
1
µF
(MIN)
R1
R2
(300 k
Ω MAX)
VR
Thermal Considerations
These devices are intended to provide more than 150 mA of
continuous current in a very small package. The table on page 2
of this data sheet gives the maximum allowable average output
current for a worst-case printed circuit design (RθJA = 220°C/W
with a minimum footprint). Performance improvement is easily
accomplished with the addition of 1 square inch of copper at
terminal 2 (RθJA = 170°C/W).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com