Electronic Components Datasheet Search
  English  ▼

X  

8205 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 8205
Description  LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8205 Datasheet(HTML) 3 Page - Allegro MicroSystems

  8205 Datasheet HTML 1Page - Allegro MicroSystems 8205 Datasheet HTML 2Page - Allegro MicroSystems 8205 Datasheet HTML 3Page - Allegro MicroSystems 8205 Datasheet HTML 4Page - Allegro MicroSystems 8205 Datasheet HTML 5Page - Allegro MicroSystems 8205 Datasheet HTML 6Page - Allegro MicroSystems 8205 Datasheet HTML 7Page - Allegro MicroSystems 8205 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8205
LOW-DROPOUT
REGULATORS
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VE = VI (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
V
I ≥ VO(nom) + 1 V, 1 mA ≤ IO ≤ 150 mA*,
reference specified V
O(nom)
—
0.0
±1.5
%
Output Volt. Temp. Coeff.
a
VO
V
I = 6 V, IO = 10 mA, TJ ≤ 125°C
—
40
—
ppm/
°C
Line Regulation
∆V
O(
∆VI)
V
O(nom) + 1 V ≤ VI ≤ 7 V, IO = 3 mA
—
—
±1.5
%
Load Regulation
∆V
O(
∆IO)
V
I = VO(nom) + 1 V, 1 mA ≤ IO ≤ 150 mA*
—
—
±1.5
%
V
I = 7 V, 1 mA ≤ IO ≤ 150 mA*
—
—
±1.5
%
Dropout Voltage
V
Imin - VO
I
O = 100 mA
—
75
200
mV
Ground Terminal Current
I
GND
V
I = VO(nom) + 1 V, IO = 1 mA
—
55
65
µA
V
I = VO(nom) + 1 V, IO = 150 mA*
—
55
65
µA
V
I = 7 V, IO = 1 mA
—
55
65
µA
V
I = 7 V, IO = 150 mA*
—
55
65
µA
I
Q
V
I ≤ 7 V, VE ≤ 0.8 V, IO = 0 mA
—
—
1.0
µA
ENABLE Input Voltage
V
EH
V
I ≥ VO(nom) + 1 V, Output ON
2.0
—
—
V
V
EL
V
I ≥ VO(nom) + 1 V, Output OFF
—
—
0.4
V
ENABLE Input Current
I
E
V
E = VI = 7 V
—
—
±1.0
µA
Internal Reference Voltage
V
REF
—
1.26
—
V
ADJUST Input Current
I
ADJ
A8205SLH-ADJ only
—
0.10
—
µA
Rejection Ratio
PSRR
V
I = VO(nom) + 1.5 V, Vi = 100 mV,
I
O = 30 mA, f = 60 Hz
—
70
—
dB
Output Noise
e
n
10 Hz
≤ f ≤ 100 kHz, I
O = 10 mA, CO = 10 µF
—
0.5
—
µV/√Hz
Typical values are at T
A = +25°C and are given for circuit design information only.
* Pulse test (
≤20 ms). See previous page for duty cycle limitations.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com