Electronic Components Datasheet Search
  English  ▼

X  

MP2116 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2116
Description  2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2116 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2116 Datasheet HTML 1Page - Monolithic Power Systems MP2116 Datasheet HTML 2Page - Monolithic Power Systems MP2116 Datasheet HTML 3Page - Monolithic Power Systems MP2116 Datasheet HTML 4Page - Monolithic Power Systems MP2116 Datasheet HTML 5Page - Monolithic Power Systems MP2116 Datasheet HTML 6Page - Monolithic Power Systems MP2116 Datasheet HTML 7Page - Monolithic Power Systems MP2116 Datasheet HTML 8Page - Monolithic Power Systems MP2116 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP2116 –2A, 6V, 100% DUTY CYCLE SYNCHROOUS STEP-DOWN CONVERTER WITH 0.5A LDO
MP2116 Rev.1.0
www.MonolithicPower.com
5
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=3.6V, VOUT1=1.8V, VOUT2=1.2V, CIN1=10uF, CO1=22uF, CIN2=2.2uF, CO2=4.7uF, L=1uH, TA=25ºC,
unless otherwise noted.
Switcher Output Voltage vs
Load Current
Switcher Output Voltage vs
Input Voltage
Switcher Output Voltage vs
Input Voltage
Switcher Output Voltage vs
Load Current
Switcher Efficiency vs
Load Current
Switcher Efficiency vs
Load Current
Switcher Efficiency vs
Load Current
VIN=2.5V
VIN=3.3V
VIN=4.0V
VIN=5.0V
VOUT1=1.2V
VIN=3.3V
VOUT1=1.8V
VOUT1=3.3V
VIN=5.0V
VIN=5.0V
VIN=4.0V
VIN=4.0V
VIN=3.3V
VIN=5.0V
VIN=2.5V
VIN=4.0V
IOUT=0.1A
IOUT=0mA
IOUT=0.1A
IOUT=0mA
IOUT=0mA
VIN=5.0V
VIN=4.0V
VIN=3.3V
VIN=5.0V
VIN=3.3V
IOUT=0.1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com