Electronic Components Datasheet Search
  English  ▼

X  

MP2116 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2116
Description  2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2116 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2116 Datasheet HTML 5Page - Monolithic Power Systems MP2116 Datasheet HTML 6Page - Monolithic Power Systems MP2116 Datasheet HTML 7Page - Monolithic Power Systems MP2116 Datasheet HTML 8Page - Monolithic Power Systems MP2116 Datasheet HTML 9Page - Monolithic Power Systems MP2116 Datasheet HTML 10Page - Monolithic Power Systems MP2116 Datasheet HTML 11Page - Monolithic Power Systems MP2116 Datasheet HTML 12Page - Monolithic Power Systems MP2116 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2116 –2A, 6V, 100% DUTY CYCLE SYNCHROOUS STEP-DOWN CONVERTER WITH 0.5A LDO
MP2116 Rev.1.0
www.MonolithicPower.com
10
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication
© 2013 MPS. All Rights Reserved.
Current Mode PWM Control
Slope compensated current mode PWM control
provides stable switching and cycle-by-cycle
current limiting for superior load and line
response in addition to protection of the internal
main switch and synchronous rectifier. The
MP2116 switches at a constant frequency
(1.25MHz) and regulates the output voltage.
During
each
cycle
the
PWM
comparator
modulates the power transferred to the load by
changing the inductor peak current based on the
feedback error voltage. During normal operation,
the main switch is turned on for a certain time to
ramp the inductor current at each rising edge of
the internal oscillator, and switched off when the
peak inductor current is above the error voltage.
When the main switch is off, the synchronous
rectifier will be turned on immediately and stay on
until the next cycle starts.
Dropout Operation
The MP2116 allows the main switch to remain on
for more than one switching cycle and increases
the duty cycle while the input voltage is dropping
close to the output voltage. When the duty cycle
reaches 100%, the main switch is held on
continuously to deliver current to the output up to
the PFET current limit. The output voltage then
becomes the input voltage minus the voltage
drop across the main switch and the inductor.
Short Circuit Protection
When the output is shorted to ground, the
oscillator frequency is reduced to prevent the
inductor current from increasing beyond the
PFET current limit. The PFET current limit is also
reduced to lower the short circuit current. The
frequency and current limit will return to the
normal values once the short circuit condition is
removed and the feedback voltage reaches 0.6V.
Maximum Switcher Output Current
The MP2116 switcher can provide up to 2A
output current, and operate down to 3V input
voltage; however the maximum output current
decreases at lower input voltage due to a large
IR drop on the main switch and synchronous
rectifier. The slope compensation signal reduces
the peak inductor current as a function of the
duty cycle to prevent sub-harmonic oscillations at
duty cycles greater than 50%. Conversely, the
current limit increases as the duty cycle
decreases
Power OK
The MP2116 provides an open-drain PWROK
output that goes high after both channels reach
regulation during startup. PWROK goes low after
one of the output channels goes out of regulation
by ±10% or when device enters shutdown. There
are deglitch timers built in to avoid PWROK false
triggered during load transient: 50µS for the
switcher and 150µS for the LDO.
Low Input 0.5A Linear Regulator
The low input 0.5A low dropout (LDO) linear
regulator has separate input IN2 and output
OUT2 pins for the internal power PNP device.
The control circuitry of the LDO takes power from
the main input supply IN1. Both IN1 and IN2
input supplies must be presented for the LDO
working properly. The LDO power device input
IN2 can be connected to the switcher output
(Figure1) or directly to the main supply IN1
(Figure3). If the IN2 tied to the IN1, it is optional
to insert a RC filter between IN1 and IN2. The
RC filter will reduce switching noise coupling
from IN1 to IN2 and power dissipation inside the
MP2116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com