Electronic Components Datasheet Search
  English  ▼

X  

MP2127 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2127
Description  2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2127 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2127 Datasheet HTML 1Page - Monolithic Power Systems MP2127 Datasheet HTML 2Page - Monolithic Power Systems MP2127 Datasheet HTML 3Page - Monolithic Power Systems MP2127 Datasheet HTML 4Page - Monolithic Power Systems MP2127 Datasheet HTML 5Page - Monolithic Power Systems MP2127 Datasheet HTML 6Page - Monolithic Power Systems MP2127 Datasheet HTML 7Page - Monolithic Power Systems MP2127 Datasheet HTML 8Page - Monolithic Power Systems MP2127 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP2127 – 2.7-6V, 2A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP2127 Rev. 0.91
www.MonolithicPower.com
5
4/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1.2V, TA = +25ºC, unless otherwise noted.
Load Regulation
Enabled Supply Current
vs. Input Voltage
VIN(V)
Case Temperature Rise
vs. Output Current
OUTPUT CURRENT (A)
DUTY CYCLE
Ipeak vs. Duty
LOAD CURRENT(A)
INPUT VOLTAGE (V)
Line Regulation
500
520
540
560
580
600
620
640
660
680
02468
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
0
10
20
30
40
50
60
70
80
90
100
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
Efficiency vs. Load Current
LOAD CURRENT(A)
VIN=3V
VIN=5V
3
3.3
3.6
3.9
4.2
0%
20%
40% 60%
80% 100%
-0.20
-0.16
-0.12
-0.08
-0.04
0.00
0.04
0.08
0.12
0.16
0.20
0
0.5
1
1.5
2
VIN=5V
VIN=3V
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
23
45
67
IO=0A
IO=1A
IO=2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com