Electronic Components Datasheet Search
  English  ▼

X  

MP2127 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2127
Description  2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2127 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2127 Datasheet HTML 3Page - Monolithic Power Systems MP2127 Datasheet HTML 4Page - Monolithic Power Systems MP2127 Datasheet HTML 5Page - Monolithic Power Systems MP2127 Datasheet HTML 6Page - Monolithic Power Systems MP2127 Datasheet HTML 7Page - Monolithic Power Systems MP2127 Datasheet HTML 8Page - Monolithic Power Systems MP2127 Datasheet HTML 9Page - Monolithic Power Systems MP2127 Datasheet HTML 10Page - Monolithic Power Systems MP2127 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP2127 – 2.7-6V, 2A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP2127 Rev. 0.91
www.MonolithicPower.com
9
4/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The output voltage is set by the external resistor
divider:
)
1
(
8
.
0
2
1
R
R
V
OUT
+
⋅
=
The divider ratio also affects the loop bandwidth of
the
step-down
converter.
The
approximate
relationship between them is given below:
)
1
(
240
1
2
1
1
R
R
k
R
BW
+
⋅
+
∝
To minimize the impact of R1 to loop bandwidth,
one should choose R1 much smaller than 240k.
Some recommended value for common output
voltage is listed below:
Table 1—Resistor Selection vs. Output
Voltage Setting
VOUT
R1
R2
1.2V
20kΩ (1%)
40.2kΩ (1%)
1.8V
49.9kΩ (1%) 40.2kΩ (1%)
2.5V
84.5kΩ (1%) 40.2kΩ (1%)
Inductor Selection
A 1μH to 10μH inductor with DC current rating at
least 25% higher than the maximum load current
is recommended for most applications. For best
efficiency, the inductor DC resistance shall be
<200mΩ. See Table 2 for recommended
inductors and manufacturers. For most designs,
the inductance value can be derived from the
following equation:
()
OSC
L
IN
OUT
IN
OUT
f
I
V
V
V
V
L
×
Δ
×
−
×
=
Where ΔIL is inductor ripple current. Choose
inductor ripple current approximately 30% of the
maximum load current, 2A.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Table 2—Suggested Inductors
Manufacturer Part Number
Inductance
(μH)
Dimensions
LxWxH
(mm
3)
TOKO
B1015AS-
3R0N
3
8.4X8.3X4
TDK
RLF7030T-
3R3M4R1
3.3
7.3X6.8X3.2
Input Capacitor CIN Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device. The input capacitor impedance at the
switching frequency shall be less than input
source impedance to prevent high frequency
switching current passing to the input
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For
most applications, a 10μF capacitor is sufficient.
Output Capacitor COUT Selection
The output capacitor keeps output voltage ripple
small and ensures regulation loop stable. The
output capacitor impedance shall be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended. For
forced PWM mode operation, the output ripple
ΔVOUT is approximately:
)
1
8
1
(
)
(
OUT
OSC
ESR
OSC
IN
OUT
IN
OUT
OUT
C
f
R
L
f
V
V
V
V
V
⋅
⋅
+
⋅
⋅
−
⋅
=
Δ
F
or most applications, a 33μF capacitor is
sufficient.
Thermal Dissipation
Power dissipation shall be considered when
operates MP2127 at maximum 2A output current.
If the junction temperature rises above 150
°C,
MP2127 will be shut down by internal thermal
protection circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com