Electronic Components Datasheet Search
  English  ▼

X  

MP2127 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2127
Description  2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2127 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2127 Datasheet HTML 3Page - Monolithic Power Systems MP2127 Datasheet HTML 4Page - Monolithic Power Systems MP2127 Datasheet HTML 5Page - Monolithic Power Systems MP2127 Datasheet HTML 6Page - Monolithic Power Systems MP2127 Datasheet HTML 7Page - Monolithic Power Systems MP2127 Datasheet HTML 8Page - Monolithic Power Systems MP2127 Datasheet HTML 9Page - Monolithic Power Systems MP2127 Datasheet HTML 10Page - Monolithic Power Systems MP2127 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP2127 – 2.7-6V, 2A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP2127 Rev. 0.91
www.MonolithicPower.com
10
4/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The junction-to-ambient thermal resistance of the
6-pin QFN (3mm x 3mm) RΘJA is 50°C/W. The
maximum
allowable
power
dissipation
is
about1.6W when MP2127 is operating in a 70
°C
ambient temperature environment:
W
6
.
1
W
/
C
50
C
70
C
150
PD
o
o
o
MAX
=
−
=
PC Board Layout
The high current paths (GND, IN and SW) should
be placed very close to the device with short,
direct and wide traces. Input capacitors should
be placed as close as possible to the respective
IN and GND pins. The external feedback
resistors shall be placed next to the FB pins.
Keep the switching nodes SW short and away
from the feedback network.
C1
L1
C2
R4
R1
GND
R2
FB
GND
PVIN
SW
VIN
PGOOD
4
5
6
1
2
3
R3
C3
C4
GND
VIN
VOUT
Top Layer
GND
Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com