Electronic Components Datasheet Search
  English  ▼

X  

LM5046MH Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5046MH
Description  LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5046MH Datasheet(HTML) 2 Page - Texas Instruments

  LM5046MH Datasheet HTML 1Page - Texas Instruments LM5046MH Datasheet HTML 2Page - Texas Instruments LM5046MH Datasheet HTML 3Page - Texas Instruments LM5046MH Datasheet HTML 4Page - Texas Instruments LM5046MH Datasheet HTML 5Page - Texas Instruments LM5046MH Datasheet HTML 6Page - Texas Instruments LM5046MH Datasheet HTML 7Page - Texas Instruments LM5046MH Datasheet HTML 8Page - Texas Instruments LM5046MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TSSOP28
VIN
PGND
LO1
VCC
LO2
SR2
SR1
HS2
HO2
BST2
HS1
BST1
HO1
COMP
RD2
UVLO
OVP
CS
RAMP
SSSR
AGND
SLOPE
RT
REF
RD1
SS
SS OFF
RES
5 mm x 5 mm
WQFN 28
REF
RT
SLOPE
RD2
COMP
AGND
RD1
PGND
LO1
VCC
LO2
BST1
SR1
SR2
LM5046
SNVS703G – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. TSSOP28 Top View
Figure 2. WQFN-28 Package Top View
PIN DESCRIPTIONS
TSSOP
WQFN
Name
Description
Application Information
Pin
Pin
1
25
UVLO
Line Under-Voltage Lockout
An external voltage divider from the power source sets the
shutdown and standby comparator levels. When UVLO reaches the
0.4V threshold the VCC and REF regulators are enabled. At the
1.25V threshold, the SS pin is released and the controller enters the
active mode. Hysteresis is set by an internal current sink that pulls
20µA from the external resistor divider.
2
26
OVP/OTP
Over Voltage Protection
An external voltage divider from the input power supply sets the
shutdown level during an over-voltage condition. Alternatively, an
external NTC thermistor voltage divider can be used to set the
shutdown temperature. The threshold is 1.25V. Hysteresis is set by
an internal current that sources 20 µA of current into the external
resistor divider.
3
27
RAMP
Input to PWM Comparator
Modulation ramp for the PWM comparator. This ramp can be a
signal representative of the primary current (current mode) or
proportional to the input voltage (feed-forward voltage mode). This
pin is reset to GND at the end of every cycle.
4
28
CS
Current Sense Input
If CS exceeds 750mV the PWM output pulse will be terminated,
entering cycle-by-cycle current limit. An internal switch holds CS low
for 40nS after either output switches high to blank leading edge
transients.
5
1
SLOPE
Slope Compensation Current
A ramping current source from 0 to 100µA is provided for slope
compensation in current mode control. This pin can be connected
through an appropriate resistor to the CS pin to provide slope
compensation. If slope compensation is not required, SLOPE must
be tied to ground.
6
2
COMP
Input to the Pulse Width Modulator
An external opto-coupler connected to the COMP pin sources
current into an internal NPN current mirror. The PWM duty cycle is
at maximum with zero input current, while 1mA reduces the duty
cycle to zero. The current mirror improves the frequency response
by reducing the AC voltage across the opto-coupler.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5046



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com