| Electronic Components Datasheet Search |
|
LM5046MH Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM5046MH Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 41 page ![]() TAP = Cparasitic x VIN ILpeak NTR ) (Im + LLeak SW1 LMag LO2 HO2 IO + Imag HO1 LO1 SW1 VIN LMag LO2 HO2 HO1 LO1 SW2 SR1 SR2 VOUT VIN SW2 SW1 VIN LMag LO2 HO2 HO1 LO1 SW2 SR1 SR2 VOUT LLeakage GND CParasitic LMag HO1 HO2 LO2 LO1 VIN SW1 SW2 Power Transfer/Active Mode Active to Passive Transition Freewheel/Passive Mode Passive to Active Transition LM5046 www.ti.com SNVS703G – FEBRUARY 2011 – REVISED MARCH 2013 APPLICATION INFORMATION Figure 20. Operating States of the PSFB Topology PHASE-SHIFTED FULL-BRIDGE OPERATION The phase shifted full-bridge topology is a derivative of the conventional full-bridge topology. When tuned appropriately the PSFB topology achieves zero voltage switching (ZVS) of the primary FETs while maintaining constant switching frequency. The ZVS feature is highly desirable as it reduces both the switching losses and the EMI emissions. The realization of the PSFB topology using the LM5046 is explained as follows: Operating State 1 (Power Transfer/Active Mode) The power transfer mode of the PSFB topology is similar to the hard switching full-bridge i.e. When the FETs in the diagonal of the bridge are turned-on (HO1 & LO2 or HO2 & LO1), a power transfer cycle from the primary to the secondary is initiated. Figure 20 depicts the case where the diagonal switches HO1 and LO2 are activated. In this state, full VIN is applied to the primary of the power transformer, which is typically stepped down on the secondary winding. Operating State 2 (Active to Passive Transition) At the end of the power transfer cycle, PWM turns off switch LO2. In the primary side, the reflected load current plus the magnetizing current propels the SW2 node towards VIN. The active to passive transition is finished when either the body diode of HO2 is forward-biased or HO2 is turned-on, whichever happens earlier. A delay can be introduced by setting RD2 to an appropriate value, such that HO2 is turned-on only after the body-diode is forward biased. In this mode, the Imag+ILpeak act as a current source charging the parasitic capacitor located at the node SW2. At light load conditions, it takes a longer time to propel SW node towards VIN. The active to passive transition time can be approximated by using the following formula: (4) Where, Im is the magnetizing current, NTR is the power transformer’s turns ratio, ILpeak is the peak output filter inductor current and Cparasitic is the parasitic capacitance at the node SW2. Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: LM5046 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |