Electronic Components Datasheet Search
  English  ▼

X  

8925 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 8925
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH LINEAR CURRENT CONTROL AND POWER DMOS OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8925 Datasheet(HTML) 1 Page - Allegro MicroSystems

  8925 Datasheet HTML 1Page - Allegro MicroSystems 8925 Datasheet HTML 2Page - Allegro MicroSystems 8925 Datasheet HTML 3Page - Allegro MicroSystems 8925 Datasheet HTML 4Page - Allegro MicroSystems 8925 Datasheet HTML 5Page - Allegro MicroSystems 8925 Datasheet HTML 6Page - Allegro MicroSystems 8925 Datasheet HTML 7Page - Allegro MicroSystems 8925 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8925
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
WITH LINEAR CURRENT CONTROL
AND POWER DMOS OUTPUTS
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
POWER
GROUND
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
34
33
32
31
POWER
GROUND
POWER
GROUND
POWER
GROUND
SUB
SUB
+
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
WITH LINEAR CURRENT CONTROL
AND POWER DMOS OUTPUTS
The A8925CEB is a DMOS three-phase brushless dc motor con-
troller/driver designed for use in Winchester disk drives and other data
storage applications. The power output stages are capable of
±4 A
output currents and have DMOS power outputs with less than 0.25
Ω
rDS(on) for low power dissipation. Intrinsic ground clamp and flyback
diodes protect the output drivers when switching inductive loads.
Thermal shutdown circuitry is provided to protect the device from ex-
cessive junction temperature.
A transconductance amplifier is used to linearly regulate the load
current and control motor speed. Internal current-sensing circuitry
eliminates the need for external sense resistors. Analog and digital
control circuitry provide complete sequencing of the output drivers as
well as providing brake, disable, and tachometer functions. A FAULT
output flag indicates the presence of an under-voltage condition on the
12 V supply, excessive junction temperature, or an invalid Hall input
combination. The A8925CEB’s commutation logic is compatible with
motors that have digital Hall-effect sensors with 120
° of electrical
separation. Internal charge pump circuitry is provided to drive the N-
channel DMOS source drivers to their required gate voltages.
The A8925CEB is provided in a 44-lead PLCC power package for
surface-mount applications. The copper batwing provides for maxi-
mum allowable package power dissipation in the smallest possible
construction.
FEATURES
s DMOS Outputs
s Low r
DS(on) - 0.25 Ω Maximum
s Linear Current Control
s Internal Commutation Circuitry
s Internal Current Sensing
s Thermal Shutdown Circuitry
s Under Voltage Detection Circuitry
s Fault Output Flag
s Power Surface-Mount Package
Always order by complete part number: A8925CEB .
ABSOLUTE MAXIMUM RATINGS
AT TA = +25°C
Load Supply Voltage, VBB ..................... 14 V
Output Current, IOUT ..........................
±4.0 A
Logic Supply Voltage, VCC ..................... 14 V
Logic Input Voltage Range,
VIN ................................ -0.3 V to +6.0 V
Package Power Dissipation,
PD ......................................... See Graph
Operating Temperature Range,
TA ..................................... 0
°C to +70°C
Junction Temperature, TJ ............... +150
°C†
Storage Temperature Range,
TS ................................ -55
°C to +150°C
† Fault conditions that produce excessive
junction temperature will activate device thermal
shutdown circuitry. These conditions can be
tolerated, but should be avoided.
Output current rating may be restricted to a value
determined by system concerns and factors.
These include: system duty cycle and timing,
ambient temperature, and use of any heatsinking
and/or forced cooling. For reliable operation, the
specified maximum junction temperature should
not be exceeded.
Dwg. PP-034
8925


Similar Part No. - 8925

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8925 ETC2-8925 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8925 ETC2-8925 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8925 ETC2-8925 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Heyco.
8925 HEYCO-8925 Datasheet
129Kb / 1P
Heyco® Hose and Cable Wrap-Polyethylene
logo
Keystone Electronics Co...
8925 KEYSTONE-8925 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
More results

Similar Description - 8925

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6235 STMICROELECTRONICS-L6235 Datasheet
434Kb / 25P
DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
REV BRAKE
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
3-Phase Brushless DC Motor Controller
05-Apr-99
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
8909 ALLEGRO-8909 Datasheet
63Kb / 2P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING AND POWER DMOS OUTPUTS
April 3, 1995
logo
STMicroelectronics
L6229 STMICROELECTRONICS-L6229 Datasheet
582Kb / 25P
DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
Rev. 3
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
3-Phase Brushless DC Motor Controller
21-Jun-04
logo
STMicroelectronics
L6235PD013TR STMICROELECTRONICS-L6235PD013TR Datasheet
690Kb / 35P
DMOS driver for 3-phase brushless DC motor
03-Mar-2014
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
3-Phase Brushless DC Motor Controller
21-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com