Electronic Components Datasheet Search
  English  ▼

X  

8925 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8925
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH LINEAR CURRENT CONTROL AND POWER DMOS OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8925 Datasheet(HTML) 2 Page - Allegro MicroSystems

  8925 Datasheet HTML 1Page - Allegro MicroSystems 8925 Datasheet HTML 2Page - Allegro MicroSystems 8925 Datasheet HTML 3Page - Allegro MicroSystems 8925 Datasheet HTML 4Page - Allegro MicroSystems 8925 Datasheet HTML 5Page - Allegro MicroSystems 8925 Datasheet HTML 6Page - Allegro MicroSystems 8925 Datasheet HTML 7Page - Allegro MicroSystems 8925 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8925
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
WITH LINEAR CURRENT CONTROL
AND POWER DMOS OUTPUTS
50
75
100
125
150
TEMPERATURE IN
°C
25
Dwg. GP-020B
12.5
2.5
0
10
7.5
5.0
R
= 30°C/W
θJA
ELECTRICAL CHARACTERISTICS AT TA = +25°C, VCC = VBB = 12 V
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Logic Supply Voltage
VCC
Operating
10
12
14
V
Load Supply Voltage
VBB
Operating
10
12
14
V
Supply Current
ICC
Operating
—
30
50
mA
VENABLE = 0 V
—
2.0
4.0
mA
Thermal Shutdown
TJ
—
165
—
°C
Output Drivers
Output ON Resistance
rDS(on)
IOUT = ±4.0 A, Pulse Test
—
0.20
0.25
Ω
Output Sustaining Voltage
VDS(sus)
IOUT = 4.0 A, L = 2 mH
14
——
V
Clamp Diode Forward Voltage
VF
IF = ±4.0 A
—
1.5
2.0
V
Output Leakage Current
IDSX
VOUT = 14 V
—
10
300
µA
VOUT = 0 V
—
-10
-300
µA
Control Logic
Logic Input Voltage
VIN(0)
ENABLE, POLE
——
0.8
V
VIN(1)
2.4
——
V
Logic Input Voltage
VIN(0)
BRAKE
——
0.8
V
VIN(1)
3.0
——
V
Logic Input Current
IIN(0)
VIN = 0.8 V
——
-1.0
µA
IIN(1)
VIN = 2.4 V
——
1.0
µA
NOTE: Negative current is defined as coming out of (sourcing) the specified device terminal.
Continued next page...
Copyright © 1990, 1995 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com