Electronic Components Datasheet Search
  English  ▼

X  

8925 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 8925
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH LINEAR CURRENT CONTROL AND POWER DMOS OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8925 Datasheet(HTML) 4 Page - Allegro MicroSystems

  8925 Datasheet HTML 1Page - Allegro MicroSystems 8925 Datasheet HTML 2Page - Allegro MicroSystems 8925 Datasheet HTML 3Page - Allegro MicroSystems 8925 Datasheet HTML 4Page - Allegro MicroSystems 8925 Datasheet HTML 5Page - Allegro MicroSystems 8925 Datasheet HTML 6Page - Allegro MicroSystems 8925 Datasheet HTML 7Page - Allegro MicroSystems 8925 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8925
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
WITH LINEAR CURRENT CONTROL
AND POWER DMOS OUTPUTS
Term.
Terminal Name
Function
1
OUTB
Power DMOS output.
2
LOGIC SUPPLY
VCC; low-current 12 V supply for the logic.
3
LOGIC GROUND
Low-level logic ground.
4
OUTC
Power DMOS output.
6
ENABLE
Active high chip enable.
7–17
POWER GROUND
Power ground and thermal heat sink.
18
VSENSE
External precision resistor for sense-FET current.
19
COMP.
Compensation; error amplifier output.
20
REFERENCE
VREF; voltage input that sets the power output current.
21
ERROR AMP.
Input that controls the current in the load.
22
LOAD SUPPLY
VBB; high-current 12 V supply for the voice-coil motor.
23
BRAKE
A logic low turns OFF all source drivers and turns ON all sink drivers (shorts the windings to
ground).
24
H1
High-level input from a Hall sensor.
26
H2
High-level input from a Hall sensor.
28
H3
High-level input from a Hall sensor.
29–39
POWER GROUND
Power ground and thermal heat sink.
40
FAULT
A logic low at this output indicates a thermal shutdown, under -voltage fault, or an invalid Hall
input combination.
42
OUTA
Power DMOS output.
43
TACH
Speed reference output; the H1 Hall input divided by the number of motor poles.
44
POLE
Designates four- or eight-pole motor; Low = 4 pole, High = 8 pole.
FUNCTIONAL DESCRIPTION
Power Outputs (OUTA, OUTB, and
OUTC). The power outputs of the A8925CEB
are DMOS transistors with a maximum rDS(on)
of 0.25
Ω. Intrinsic ground clamp and flyback
diodes clamp transient voltage spikes when
switching inductive loads. Internal charge
pump circuitry is used to drive the gates of
the N-channel source drivers to their required
gate voltages.
Current Control. Current in the load is
monitored by an internal sense amplifier that
produces an output current that is approxi-
mately one twelve hundredth that of the load
current (see Figure). This current is output to
the VSENSE terminal and develops a voltage
V
SEQUENTIAL
LOGIC
CHARGE
PUMP
SENSE
AMPLIFIER
BB
SUB
ERROR
AMPLIFIER
V
SENSE
V
REF
COMP.
C 1
+
-
R
1
R
2
Dwg. EP-040
+
_
R
3
C2
R
S
OUT
OUT
I
.
1200
OUT
V
Continued next page...
TERMINAL FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com