Electronic Components Datasheet Search
  English  ▼

X  

ATS610LSA Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS610LSA
Description  DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS610LSA Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS610LSA Datasheet HTML 5Page - Allegro MicroSystems ATS610LSA Datasheet HTML 6Page - Allegro MicroSystems ATS610LSA Datasheet HTML 7Page - Allegro MicroSystems ATS610LSA Datasheet HTML 8Page - Allegro MicroSystems ATS610LSA Datasheet HTML 9Page - Allegro MicroSystems ATS610LSA Datasheet HTML 10Page - Allegro MicroSystems ATS610LSA Datasheet HTML 11Page - Allegro MicroSystems ATS610LSA Datasheet HTML 12Page - Allegro MicroSystems ATS610LSA Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ATS610LSA AND ATS611LSB
DYNAMIC, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT
GEAR-TOOTH SENSORS
9
www.allegromicro.com
DEVICE DESCRIPTION
The ATS610LSA and ATS611LSB dynamic,
peak-detecting, differential Hall-effect gear-tooth sensors
are Hall IC plus magnet modules that are fully optimized
to provide digital detection of gear-tooth edges in a small
package size. Both sensors are packaged in identical
miniature plastic housings that have been optimized for
size, ease of assembly, and manufacturability. High operat-
ing temperature materials are used in all aspects of
construction.
The application of these sensors is uncomplicated.
After power is applied to the device, they are capable of
quickly providing digital information that is representative
of a rotating gear or specially designed target. No addi-
tional optimization or processing circuitry is required. This
ease of use should reduce design time and incremental
assembly costs for most applications.
Sensing Technology. Both gear-tooth sensor modules
contain a single-chip differential Hall-effect sensor IC, a
samarium-cobalt magnet, and a flat ferrous pole piece.
The Hall IC consists of two Hall elements spaced 2.235
mm (0.088") apart, which sense the magnetic gradient
created by the passing of a ferrous object (a gear tooth).
The two Hall voltages are compared and the difference is
then processed to provide a digital output signal.
The processing circuit uses a patented peak-detection
technique to eliminate magnet and system offsets. This
technique allows coupling and filtering of offsets without
the power-up and settling time disadvantages of classical
high-pass filtering schemes. Here, the peak signal of
every tooth and valley is detected and is used to provide
an instant reference for the operate-point and release-
point comparators. In this manner, the thresholds are
adapted and referenced to individual signal peaks and
valleys, thereby providing immunity to zero-line variation
due to installation inaccuracies (tilt, rotation, and
off-center placement), as well as for variations caused by
target and shaft eccentricities. The peak detection
concept also allows extremely low-speed operation when
used with small-value capacitors.
Dwg. WH-011
V
OUT(SAT)
V
BB
OPERATE
RELEASE
OPERATE
RELEASE
0
Power-On Operation. The device will power on in the
OFF state (output high) irrespective of the magnetic field
condition. The power-on time of the circuit is no greater
than 200
µs. The circuit is then ready to accurately detect
the first target edge that results in a HIGH-to-LOW transi-
tion.
Under-Voltage Lockout. When the supply voltage is
below the minimum operating voltage (VCC(UV)), the device
is OFF and stays OFF irrespective of the state of the
magnetic field. This prevents false signals, which may be
caused by under-voltage conditions (especially during turn
on), from appearing at the output.
Output. The device output is an open-collector stage
capable of sinking 25 mA. An external pull-up (resistor) to
a supply voltage of not more than 18 V must be supplied.
Superior Performance. The ATS610LSA and
ATS611LSB peak-detecting differential gear-tooth sen-
sors have several advantages over conventional
Hall-effect gear-tooth sensors.
continued next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com