Electronic Components Datasheet Search
  English  ▼

X  

ATS610LSA Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS610LSA
Description  DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS610LSA Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS610LSA Datasheet HTML 6Page - Allegro MicroSystems ATS610LSA Datasheet HTML 7Page - Allegro MicroSystems ATS610LSA Datasheet HTML 8Page - Allegro MicroSystems ATS610LSA Datasheet HTML 9Page - Allegro MicroSystems ATS610LSA Datasheet HTML 10Page - Allegro MicroSystems ATS610LSA Datasheet HTML 11Page - Allegro MicroSystems ATS610LSA Datasheet HTML 12Page - Allegro MicroSystems ATS610LSA Datasheet HTML 13Page - Allegro MicroSystems ATS610LSA Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ATS610LSA AND ATS611LSB
DYNAMIC, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT
GEAR-TOOTH SENSORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
10
DEVICE DESCRIPTION — Continued
Differential vs. Single-Element Sensing. The differen-
tial Hall-element configuration is superior in most applica-
tions to the classical single-element gear-tooth sensor.
The single-element configuration commonly used
(Hall-effect sensor mounted on the face of a simple
permanent magnet) requires the detection of a small
signal (often <100 G) that is superimposed on a large
back-biased field, often 1500 G to 3500 G. For most
gear/target configurations, the back-biased field values
change due to concentration effects, resulting in a varying
baseline with air gap, with valley widths, with eccentrici-
ties, and with vibration. The differential configuration
cancels the effects of the back-biased field and avoids
many of the issues presented by the single Hall element.
NOTE — 10 G = 1 mT, exactly.
Peak-Detecting vs. AC-Coupled Filters. High-pass
filtering (normal ac coupling) is a commonly used tech-
nique for eliminating circuit offsets. AC coupling has
errors at power up because the filter circuit needs to hold
the circuit zero value even though the circuit may power
up over a large signal. Such filter techniques can only
perform properly after the filter has been allowed to settle,
which is typically greater than one second. Also, high-
pass filter solutions cannot easily track rapidly changing
baselines such as those caused by eccentricities. Peak
detection switches on the change in slope of the signal
and is baseline independent at power up and during
running.
Track-and-Hold Peak Detecting vs. Zero-Crossing
Reference. The usual differential zero-crossing sensors
are susceptible to false switching due to off-center and
tilted installations, which result in a shift in baseline that
changes with air gap. The track-and-hold peak-detection
technique ignores baseline shifts versus air gaps and
provides increased immunity to false switching. In addi-
tion, using track-and-hold peak-detecting techniques,
increased air gap capabilities can be expected because a
peak detector utilizes the entire peak-to-peak signal range
as compared to zero-crossing detectors that switch on
fixed thresholds.
NOTE — “Baseline” refers to the zero-gauss differen-
tial where each Hall-effect element is subject to the
same magnetic field strength.
Differential flux maps vs. air gaps
Single-element flux maps
showing the impact of varying valley widths
10
20
30
60
1500
-1500
ANGLE OF TARGET ROTATION IN DEGREES
1000
-500
-1000
0
Dwg. GH-061
0
500
T
= 25
°C
A
50
40
TARGET
AIR GAP = 2.5 mm
AIR GAP = 2.0 mm
AIR GAP = 1.5 mm
AIR GAP = 0.5 mm
AIR GAP = 1.0 mm
10
20
30
60
-2000
-5000
ANGLE OF TARGET ROTATION IN DEGREES
-2500
-4000
-4500
0
Dwg. GH-061-1
-3500
-3000
T
= 25
°C
A
50
40
TARGET
AIR GAP = 0.5 mm
AIR GAP = 1.0 mm
AIR GAP = 1.5 mm
AIR GAP = 2.5 mm
AIR GAP = 2.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com