Electronic Components Datasheet Search
  English  ▼

X  

ATS610LSA Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS610LSA
Description  DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS610LSA Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS610LSA Datasheet HTML 1Page - Allegro MicroSystems ATS610LSA Datasheet HTML 2Page - Allegro MicroSystems ATS610LSA Datasheet HTML 3Page - Allegro MicroSystems ATS610LSA Datasheet HTML 4Page - Allegro MicroSystems ATS610LSA Datasheet HTML 5Page - Allegro MicroSystems ATS610LSA Datasheet HTML 6Page - Allegro MicroSystems ATS610LSA Datasheet HTML 7Page - Allegro MicroSystems ATS610LSA Datasheet HTML 8Page - Allegro MicroSystems ATS610LSA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ATS610LSA AND ATS611LSB
DYNAMIC, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT
GEAR-TOOTH SENSORS
3
www.allegromicro.com
ELECTRICAL CHARACTERISTICS over operating voltage and temperature range,
C3 = 0.1 µF to 0.47 µF.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating, TJ < 165°CVCC(UV)
–16
V
Power-On State
POS
VCC = 0 ¡ 5 V
HIGH
HIGH
HIGH
–
Under-Voltage Lockout
VCC(UV)
IOUT = 20 mA, VCC = 0 ¡ 5 V
2.5
–
3.5
V
Under-Voltage Hysteresis
VCC(hys)
Lockout (VCC(UV)) – Shutdown
–
0.1
–
V
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA
–
90
400
mV
Output Leakage Current
IOFF
VOUT = 16 V
–
0.2
15
µA
Supply Current
ICC
Output OFF
5.5
7.7
11
mA
Output ON
8.5
10.5
13
mA
Power-On Delay
ton
–
–
200
µs
Output Rise Time
tr
RL = 500 Ω, CL = 10 pF
–
0.2
2.0
µs
Output Fall Time
tf
RL = 500 Ω, CL = 10 pF
–
0.2
2.0
µs
NOTE: Typical data is at VCC = 5 V and TA = +25°C and is for design information only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com