Electronic Components Datasheet Search
  English  ▼

X  

MP2370 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2370
Description  1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2370 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2370 Datasheet HTML 1Page - Monolithic Power Systems MP2370 Datasheet HTML 2Page - Monolithic Power Systems MP2370 Datasheet HTML 3Page - Monolithic Power Systems MP2370 Datasheet HTML 4Page - Monolithic Power Systems MP2370 Datasheet HTML 5Page - Monolithic Power Systems MP2370 Datasheet HTML 6Page - Monolithic Power Systems MP2370 Datasheet HTML 7Page - Monolithic Power Systems MP2370 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP2370 – 1.2A, 24V, 1.4MHz STEP-DOWN WHITE LED DRIVER IN A TSOT23-6
MP2370 Rev. 0.96
www.MonolithicPower.com
3
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1
BST
Bootstrap. A capacitor is connected between SW and BS pins to form a floating supply across
the power switch driver. This capacitor is needed to drive the power switch’s gate above the
supply voltage.
2
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason care
must be taken in its layout. This node should be placed outside of the D1 to C1 ground path to
prevent switching current spikes from inducing voltage noise into the part.
3
FB
Current Sense Feedback Voltage. Its internal threshold is 0.15V.
4
EN
On/Off Control Input. Pull EN above 1.2V to turn the device on.
5
IN
Supply Voltage. The MP2370 operates from a +4.5V to +24V unregulated input. Input Capacitor
is needed to prevent large voltage spikes from appearing at the input.
6
SW
Switch Output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com