Electronic Components Datasheet Search
  English  ▼

X  

MP2370 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2370
Description  1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2370 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2370 Datasheet HTML 1Page - Monolithic Power Systems MP2370 Datasheet HTML 2Page - Monolithic Power Systems MP2370 Datasheet HTML 3Page - Monolithic Power Systems MP2370 Datasheet HTML 4Page - Monolithic Power Systems MP2370 Datasheet HTML 5Page - Monolithic Power Systems MP2370 Datasheet HTML 6Page - Monolithic Power Systems MP2370 Datasheet HTML 7Page - Monolithic Power Systems MP2370 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP2370 – 1.2A, 24V, 1.4MHz STEP-DOWN WHITE LED DRIVER IN A TSOT23-6
MP2370 Rev. 0.96
www.MonolithicPower.com
5
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
OPERATION
The MP2370 is a current mode buck regulator.
That is, the EA output voltage is proportional to
the peak inductor current.
At the beginning of a cycle, M1 is off. The EA
output voltage is higher than the current sense
amplifier output, and the current comparator’s
output is low. The rising edge of the 1.4MHz
CLK signal sets the RS Flip-Flop. Its output
turns on M1 thus connecting the SW pin and
inductor to the input supply.
The increasing inductor current is sensed and
amplified by the Current Sense Amplifier. Ramp
compensation is summed to the Current Sense
Amplifier output and compared to the Error
Amplifier output by the PWM Comparator.
When the sum of the Current Sense Amplifier
output and the Slope Compensation signal
exceeds the EA output voltage, the RS Flip-
Flop is reset and M1 is turned off. The external
Schottky rectifier diode (D1) conducts the
inductor current.
If the sum of the Current Sense Amplifier output
and the Slope Compensation signal does not
exceed the EA output for a whole cycle, then
the falling edge of the CLK resets the Flip-Flop.
The output of the Error Amplifier integrates the
voltage difference between the feedback and
the 0.15V bandgap reference. The polarity is
such that a FB pin voltage lower than 0.15V
increases the EA output voltage. Since the EA
output voltage is proportional to the peak
inductor current, an increase in its voltage also
increases current delivered to the output.
5
IN
EN
FB
GND
SW
BST
4
3
2
1
6
REGULATOR
OSCILLATOR
1.4MHz/700KHz
RAMP
GENERATOR
DRIVER
CURRENT SENSE
AMPLIFIER
ERROR
AMPLIFIER
CURRENT
LIMIT
COMPARATOR
PWM
COMPARATOR
D
x20
M1
REGULATOR
REFERENCE
EA
--
+
--
+
--
+
S
R
R
Q
27pF
0.15V
1pF
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com