Electronic Components Datasheet Search
  English  ▼

X  

MP2370 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2370
Description  1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2370 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2370 Datasheet HTML 1Page - Monolithic Power Systems MP2370 Datasheet HTML 2Page - Monolithic Power Systems MP2370 Datasheet HTML 3Page - Monolithic Power Systems MP2370 Datasheet HTML 4Page - Monolithic Power Systems MP2370 Datasheet HTML 5Page - Monolithic Power Systems MP2370 Datasheet HTML 6Page - Monolithic Power Systems MP2370 Datasheet HTML 7Page - Monolithic Power Systems MP2370 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP2370 – 1.2A, 24V, 1.4MHz STEP-DOWN WHITE LED DRIVER IN A TSOT23-6
MP2370 Rev. 0.96
www.MonolithicPower.com
4
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TYPICAL PERFORMACE CHARACTERISTICS
Circuit as Figure 1, VIN = 12V, Load: one 3 Watt White LED, unless otherwise noted.
Enable Start Up
Enable Turn Off
Steady State Operation
40us/div
40us/div
400nS/div
VSW
10V/div
VEN
5V/div
ILED
0.5A/div
VSW
10V/div
VEN
5V/div
ILED
0.5A/div
VSW
10V/div
VOUT(AC)
20mV/div
IINDUCTOR
0.5A/div
80
70
90
Output Short
Output Short Entry
Output Short Recovery
1us/div
4us/div
4us/div
VSW
10V/div
VSW
10V/div
VSW
10V/div
VOUT
2V/div
VOUT
2V/div
ILED
0.5A/div
ILED
0.5A/div
IINDUCTOR
0.5A/div
Line Regulation
VOUT = 3.3V
400us/div
VEN
5V/div
Line Regulation
VOUT = 3.3V
Current Limit vs
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.8
1.6
2.0
10 20
40
60
30
50
DUTY(%)
VOUT
2V/div
VSW
10V/div
0.5A/div
ILED
PWM DIMMING DUTY(%)
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.8
0.7
0.9
I
Duty Cycle



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com