Electronic Components Datasheet Search
  English  ▼

X  

MP2483DQ Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2483DQ
Description  2.5A, 55V, Programmable Frequency White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2483DQ Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2483DQ Datasheet HTML 1Page - Monolithic Power Systems MP2483DQ Datasheet HTML 2Page - Monolithic Power Systems MP2483DQ Datasheet HTML 3Page - Monolithic Power Systems MP2483DQ Datasheet HTML 4Page - Monolithic Power Systems MP2483DQ Datasheet HTML 5Page - Monolithic Power Systems MP2483DQ Datasheet HTML 6Page - Monolithic Power Systems MP2483DQ Datasheet HTML 7Page - Monolithic Power Systems MP2483DQ Datasheet HTML 8Page - Monolithic Power Systems MP2483DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP2483 – 2.5A, 55V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP2483 Rev. 1.0
www.MonolithicPower.com
5
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=20V, ILED=0.7A, two 3W LED in series, step down application, unless otherwise noted.
WLED current
vs Dimming Duty
0
100
200
300
400
500
600
700
800
0
0.2
0.4
0.6
0.8
1
WLED Current vs VEN
-100
0
100
200
300
400
500
600
700
800
0
400
800
1200
1600
Ipeak vs. Duty
2
2.5
3
3.5
4
4.5
5
0 10203040 5060708090
Efficiency vs. Input Voltage
60
65
70
75
80
85
90
95
100
0
1020
3040
5060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com