Electronic Components Datasheet Search
  English  ▼

X  

MP2483DQ Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2483DQ
Description  2.5A, 55V, Programmable Frequency White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2483DQ Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2483DQ Datasheet HTML 2Page - Monolithic Power Systems MP2483DQ Datasheet HTML 3Page - Monolithic Power Systems MP2483DQ Datasheet HTML 4Page - Monolithic Power Systems MP2483DQ Datasheet HTML 5Page - Monolithic Power Systems MP2483DQ Datasheet HTML 6Page - Monolithic Power Systems MP2483DQ Datasheet HTML 7Page - Monolithic Power Systems MP2483DQ Datasheet HTML 8Page - Monolithic Power Systems MP2483DQ Datasheet HTML 9Page - Monolithic Power Systems MP2483DQ Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP2483 – 2.5A, 55V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP2483 Rev. 1.0
www.MonolithicPower.com
6
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=20V, ILED=0.7A, two 3W LED in series, step down application, unless otherwise noted.
VIN
10V/div.
VOUT
5V/div.
SW
10V/div.
SW
10V/div.
PWM
5V/div.
IINDUCTOR
500mA/div.
IINDUCTOR
500mA/div.
IINDUCTOR
500mA/div.
IINDUCTOR
500mA/div.
IINDUCTOR
1A/div.
IWLED
500mA/div.
IWLED
500A/div.
SW
10V/div.
EN
5V/div.
IWLED
500mA/div.
SW
10V/div.
EN
5V/div.
IWLED
500mA/div.
SW
10V/div.
OVP
1V/div.
ISHORT
2A/div.
IINDUCTOR
2A/div.
SW
10V/div.
OVP
500mV/div.
400ns/div.
2ms/div.
40us/div.
4us/div.
20ms/div.
4us/div.
Steady State
PWM Dimming
EN on
EN off
Open LED Protection
Short Circuit Protection
(short LED+ to INGND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com