Electronic Components Datasheet Search
  English  ▼

X  

MP2483DQ Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2483DQ
Description  2.5A, 55V, Programmable Frequency White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2483DQ Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2483DQ Datasheet HTML 6Page - Monolithic Power Systems MP2483DQ Datasheet HTML 7Page - Monolithic Power Systems MP2483DQ Datasheet HTML 8Page - Monolithic Power Systems MP2483DQ Datasheet HTML 9Page - Monolithic Power Systems MP2483DQ Datasheet HTML 10Page - Monolithic Power Systems MP2483DQ Datasheet HTML 11Page - Monolithic Power Systems MP2483DQ Datasheet HTML 12Page - Monolithic Power Systems MP2483DQ Datasheet HTML 13Page - Monolithic Power Systems MP2483DQ Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP2483 – 2.5A, 55V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP2483 Rev. 1.0
www.MonolithicPower.com
11
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance(µH)
Max DCR(Ω)
Current
Rating (A)
Dimensions
L x W x H (mm3)
Toko
DS84LC-
B1015AS-4R7N
4.7
0.038
3.8
8.2*8.1*3.7
Cooper
DR73-4R7-R
4.7
0.0297
3.78
7.35*7.35*3.3
TDK
SLF7055T-
4R7N3R1-3PF
4.7
0.028
3.6
7.1*7.3*5.5
TYPICAL APPLICATION CIRCUITS
VDD OVP
BST
SW
FB
RSET
COMP
VSS
INGND
EN/DIM
OFF ON
L1
4.7
C3
100nF
D1
B360A
C2
2.2
C1
10
VIN
4.5V<VIN<55V
C4
1nF
DC or PWM Input
R1
R2
R3
C5
1nF
R4
Figure 3—Step-Down White LED Driver Application
VDD
OVP
BST
SW
FB
RSET
COMP
VSS
INGND
EN/DIM
OFF ON
L1
4.7
C3
100nF
D1
B360A
C2
2.2
C1
10
VIN
VIN-VSS<55V
C4
1nF
DC or PWM Input
R1
R2
R3
C5
1nF
R4
VSS
Figure 4— Step-up/down White LED Driver Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com