Electronic Components Datasheet Search
  English  ▼

X  

MP2607DL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2607DL
Description  Li, LINEAR Charger WithSystem Power Path Management
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2607DL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2607DL Datasheet HTML 1Page - Monolithic Power Systems MP2607DL Datasheet HTML 2Page - Monolithic Power Systems MP2607DL Datasheet HTML 3Page - Monolithic Power Systems MP2607DL Datasheet HTML 4Page - Monolithic Power Systems MP2607DL Datasheet HTML 5Page - Monolithic Power Systems MP2607DL Datasheet HTML 6Page - Monolithic Power Systems MP2607DL Datasheet HTML 7Page - Monolithic Power Systems MP2607DL Datasheet HTML 8Page - Monolithic Power Systems MP2607DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP2607 – LI-ION CHARGER WITH POWER PATH MANAGEMENT
MP2607 Rev. 1.02
www.MonolithicPower.com
4
6/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(5) (continued)
VIN = 5.5V, VBATT = 3.5V, VCEB = GND, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
CEB = GND, ICHG = 0A, ISYS = 0A,
V
BATT=4.5V , V
IN = 5.5V, MODE = 5V
420
CEB = GND, ICHG = 0A, ISYS = 0A,
V
BATT=4.5V, V
IN = 5.5V, MODE = GND
400
µA
CEB = 5V, ICHG = 0A, ISYS = 0A,
V
BATT=4.5V, V
IN = 5.5V
120
µA
Supply Current at Input
IIN
CEB = 5V, ICHG = 0A, ISYS = 0A,
V
BATT=4.5V, VIN = 12V
1.4
mA
V
IN =5.5V
, VBATT=4.5V
125
CEB = GND,
ISYS=0A
VIN = 4V, VBATT=4.5V
25
35
µA
Supply Current at BATT
Input
IBATT
CEB = 5V, ISYS = 0A, VBATT=3.5V
20
30
BATT Input to SYS Switch
On Resistance
RON_BSW VIN =GND, VBATT=3.5V, ISYS=100mA
50
80
mΩ
BATT Input to SYS Switch
On Voltage Drop
VD_BSW
VBATT=3.5V, ISYS =600mA,
VIN =5V (Battery supplement mode),
CEB = GND, MODE = GND
40
100
160
mV
BATT to SYS Short
Protection Current
IBATT_MAX
VBATT=3.5V,
VSYS=GND,
CEB =5V
(guaranteed by design)
300
mA
BATT to SYS Switch
Leakage
V
BATT=2.3V, VIN=VSYS=GND, CEB =5V
1
µA
SYS Reverse to BATT
Switch Leakage
V
SYS=5V, VIN=VBATT=GND, CEB =5V
1
µA
Charger
T = +25°C, IBATT = 0
4.179
4.20
4.221
T = 0°C to +50°C, IBATT = 0
4.168
4.20
4.232
Battery Voltage Regulation
VBATT
T = –5°C to +75°C, IBATT = 0
4.158
4.20
4.242
V
IN to BATT Switch On
Resistance
RON_BATT VIN=4.3V, VBATT=4.165V, ICHG=1A
200
400
mΩ
VIN = 5V, VBATT = 3.5V, MODE = 5V
RCHG = 2.263kΩ
880
1000
1120
mA
Constant Current
Regulation for Charging
ICHG
VIN = 5V, VBATT = 3.5V, MODE = GND
RCHG = 7.6kΩ
210
300
390
mA
Programmable Charge
Current
ICHG
VIN = 5V, VBATT = 3.5V, MODE = 5V
1.5
(5)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com