Electronic Components Datasheet Search
  English  ▼

X  

MP2607DL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2607DL
Description  Li, LINEAR Charger WithSystem Power Path Management
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2607DL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2607DL Datasheet HTML 1Page - Monolithic Power Systems MP2607DL Datasheet HTML 2Page - Monolithic Power Systems MP2607DL Datasheet HTML 3Page - Monolithic Power Systems MP2607DL Datasheet HTML 4Page - Monolithic Power Systems MP2607DL Datasheet HTML 5Page - Monolithic Power Systems MP2607DL Datasheet HTML 6Page - Monolithic Power Systems MP2607DL Datasheet HTML 7Page - Monolithic Power Systems MP2607DL Datasheet HTML 8Page - Monolithic Power Systems MP2607DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP2607
Li + LINEAR Charger
WithSystem Power Path Management
MP2607 Rev. 1.02
www.MonolithicPower.com
1
6/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
MP2607 is a highly-integrated single-cell Li-
Ion/Li-Polymer battery charger with system
power path management function. It takes input
from either AC adapter or USB port to supply
the
system
and
charge
the
battery
independently. The charger section features
trickle charge, high-accuracy constant current
(CC) and constant voltage (CV) regulation,
charge termination and charge status.
The system power path management function
ensures continuous supply to the system by
automatically selecting the input, the battery or
both to power the system. This section features
a low drop-out regulator from input to system,
and a 50mΩ switch from battery to system.
Power path management separates charging
current from system load, which allows proper
charge termination and keeps battery stay fully-
charged. It also allows instantaneous power up
of system with a deeply discharged battery.
MP2607 is available in 14pin 3mm*4mm QFN
package.
FEATURES
• Fully Autonomous Charger for Single-Cell
Li-Ion/Polymer Batteries
• Selectable Input Power Sources from AC
Adapter or USB Port
• Built-in Current Limit for USB Port
• Complete Power Path Management for
Simultaneously Powering the System and
Charging the Battery
• 0.75% Charging Voltage Accuracy
• 12V Maximum Voltage for the Input Source
• Programmable Charging Current
• Built-in Timer for Charge Termination
• No External Blocking Diode Required
• Tiny QFN14 (3mm x 4mm) Package
APPLICATIONS
• Smart Handheld Devices
• Cell Phones, PDAs, MP3 Players
• Digital Cameras, GPS
• Handheld Test Equipment
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2607DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2607DL MPS-MP2607DL Datasheet
397Kb / 15P
Li LINEAR Charger WithSystem Power Path Management
5/18/2015 Rev. 1.03
MP2607DL-LF-P MPS-MP2607DL-LF-P Datasheet
397Kb / 15P
Li LINEAR Charger WithSystem Power Path Management
5/18/2015 Rev. 1.03
MP2607DL-LF-Z MPS-MP2607DL-LF-Z Datasheet
397Kb / 15P
Li LINEAR Charger WithSystem Power Path Management
5/18/2015 Rev. 1.03
MP2607DL-Z MPS-MP2607DL-Z Datasheet
397Kb / 15P
Li LINEAR Charger WithSystem Power Path Management
5/18/2015 Rev. 1.03
More results

Similar Description - MP2607DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
logo
Intersil Corporation
ISL9230 INTERSIL-ISL9230 Datasheet
899Kb / 20P
High Power Li-Ion Charger W/I-Path Management
ISL9230_1107 INTERSIL-ISL9230_1107 Datasheet
930Kb / 20P
High Power Li-Ion Charger W/I-Path Management
July 22, 2011
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
. USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Texas Instruments
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
logo
Richtek Technology Corp...
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
logo
Renesas Technology Corp
ISL9230 RENESAS-ISL9230 Datasheet
1Mb / 20P
High Power Li-Ion Charger W/I-Path Management
logo
AiT Semiconductor Inc.
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com