Electronic Components Datasheet Search
  English  ▼

X  

MP2607DL Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2607DL
Description  Li, LINEAR Charger WithSystem Power Path Management
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2607DL Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2607DL Datasheet HTML 7Page - Monolithic Power Systems MP2607DL Datasheet HTML 8Page - Monolithic Power Systems MP2607DL Datasheet HTML 9Page - Monolithic Power Systems MP2607DL Datasheet HTML 10Page - Monolithic Power Systems MP2607DL Datasheet HTML 11Page - Monolithic Power Systems MP2607DL Datasheet HTML 12Page - Monolithic Power Systems MP2607DL Datasheet HTML 13Page - Monolithic Power Systems MP2607DL Datasheet HTML 14Page - Monolithic Power Systems MP2607DL Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP2607 – LI-ION CHARGER WITH POWER PATH MANAGEMENT
MP2607 Rev. 1.02
www.MonolithicPower.com
12
6/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Charging
current
USB port
current
SYS load
current
BATT voltage
SYS voltage
Battery
supplements load
Figure 3—Power Path Management for USB
Mode
Power path management allows use of lower
current limited sources while still provides
continuous system supply and optimal battery
charging at the same time.
USB Mode Input Switch Current Limit
When IN is connected to an USB port, the
switch between IN and SYS has a built-in
current limit that is set by an internal resistor
with typical value of 450mA. Post-package
trimming keeps the variation within +-5%.
Charging Current Thermal Fold-back
MP2607 has internal monitoring circuit that will
reduce the charging current if the chip junction
temperature reaches 120°C. This prevents
overheat of the chip and avoids unnecessary
thermal shutdown.
Floating Charging Voltage
The floating voltage for the constant voltage
regulation phase is 4.2V. It has ±0.75%
accuracy over the ambient temperature range
of -10°C to +70°C.
Auto Recharge
MP2607 automatically recharge the battery if
BATT pin voltage falls below a predetermined
threshold VRECHG. This allows the battery to
always stay at full or near full condition,
increasing the battery life.
Status Indication output
STAT1 and STAT1 are two open-drain NMOS
outputs which should be connected to pull-up
resistors to SYS output or desired supply rail.
Their output logic level combinations are used
to indicate 4 status of the charger:
Regardless of the charger status, however, the
charger does not turn off as long as a valid
input power source is attached.
Charger Status
STAT1
STAT2
Charging
Low
Low
End of Charge
Low
High
Charge Suspended (due
to Battery supplement
mode or NTC out of
range)
High
Low
Fault/Disable (due
to
time-out,
internal
thermal
shutdown),
EN>2V, or no VIN
High
High
NTC Temperature Sensor
The NTC pin allows MP2607 to sense the
ambient
temperature
using
the
Negative
Thermal Coefficient (NTC) thermistor usually
available in the battery pack to ensure a safe
operating environment of the battery. A resistor
with appropriate value should be connected
from VIN to NTC and the NTC resistor parallel
connected a regular resistor is connected form
NTC pin to ground. The voltage on NTC pin is
determined by the resistor divider whose divide
ratio depends on the ambient temperature.
MP2607 internally sets a pre-determined upper
and lower bound of the divide ratio. If NTC pin
voltage falls out of this range which means the
temperature is outside the safe operating range,
MP2607 will stop charging and report it on
status pins. Charging will automatically resume
after the temperature falls back into the safe
range.
Enable
Enable of MP2607 is controlled by pulling CEB
pin below 0.3V. Pulling CEB pin above 2V will
put MP2607 in sleep mode, which disables
power path management and battery charger.
In sleep mode, the N-channel switch between
BATT and SYS is fully on to maintain system
supply. Battery under-voltage and current limit
are kept alive to provide safeguard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com