Electronic Components Datasheet Search
  English  ▼

X  

MP2625 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP2625
Description  2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2625 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP2625 Datasheet HTML 20Page - Monolithic Power Systems MP2625 Datasheet HTML 21Page - Monolithic Power Systems MP2625 Datasheet HTML 22Page - Monolithic Power Systems MP2625 Datasheet HTML 23Page - Monolithic Power Systems MP2625 Datasheet HTML 24Page - Monolithic Power Systems MP2625 Datasheet HTML 25Page - Monolithic Power Systems MP2625 Datasheet HTML 26Page - Monolithic Power Systems MP2625 Datasheet HTML 27Page - Monolithic Power Systems MP2625 Datasheet HTML 28Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
MP2625
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2625 Rev. 1.12
www.MonolithicPower.com
25
10/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
)
V
(
V
V
V
7
R
6
R
REF
_
SYS
REF
_
SYS
SYS
(8)
For example, for a 4.2V system voltage, R7 is
10kΩ, and R6 is 26.5kΩ.
Selecting the Inductor
Inductor selection trades off among cost, size,
and
efficiency.
A
lower
inductance
value
corresponds to a smaller size, but results in
higher
ripple
currents,
higher
magnetic
hysteretic
losses,
and
higher
output
capacitances. Choosing a higher inductance
value benefits from lower ripple current and
smaller output filter capacitors, but results in
higher inductor DC resistance (DCR) loss. From
a
practical
standpoint,
the
inductor
ripple
current does not exceed 30% of the maximum
load current under worst cases conditions. For
the MP2625 operating with a typical 5V input
voltage, the maximum inductor current ripple
occurs at the corner point between trickle
charge and CC charge (VBATT=3V). Estimate the
required inductance as:
)
MHz
(
f
V
V
I
V
V
L
S
IN
BATT
MAX
_
L
BATT
IN
(
H)
(9)
)
2
ripple
%
1
(
I
I
)
MAX
(
LOAD
PEAK
(mA)
(10)
Where VIN, VBATT, and fS are the typical input
voltage, the TC to CC charge threshold, and the
switching frequency, respectively.
ΔI
L_MAX is the
maximum inductor ripple current, which is
usually 30% of the CC charge current.
For ICHG=2A, VIN=5V, VBATT=3V and fs=1.6MHz,
the
calculated
inductance
is
1.3µH.
The
maximum inductor peak current exceeds 2.3A.
To optimize efficiency, chose an inductor with a
DC resistance less than 50mΩ. Choose the
inductor 7447745012 from Wurth with ratings at
L=1.2µH/4.6
A /21mΩ.
Selecting the Input Capacitor
The
input
capacitor
C1
from
the
typical
application circuit absorbs the maximum ripple
current from the PWM converter, which is given
by
MAX
_
IN
TC
MAX
_
IN
TC
MAX
_
CC
MAX
_
RMS
V
)
V
V
(
V
I
I
(A) (11)
For
ICC_MAX=2A,
VTC=3V,
VIN_MAX=14V,
the
maximum ripple current is 1A. Select the input
capacitors so that the temperature rise due to
the ripple current does not exceed 10°C. Use
ceramic capacitors with X5R or X7R dielectrics
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
use a 22µF capacitor.
Selecting the Output Capacitor
The output capacitor C2 from the typical
application circuit is in parallel with the SYS
load. C2 absorbs the high-frequency switching
ripple current and smoothes the output voltage.
Its impedance must be much less than that of
the system load to ensure it properly absorbs
the ripple current.
Use a ceramic capacitor because it has lower
ESR and smaller size that allows us to ignore
the ESR of the output capacitor. Thus, the
output voltage ripple is given by:
%
L
f
2
C
8
V
V
1
V
V
r
2
S
IN
SYS
SYS
SYS
(12)
In order to guarantee the ±0.5% system voltage
accuracy, the maximum output voltage ripple
must
not
exceed
0.5%
(e.g.
0.1%). The
maximum output voltage ripple occurs at the
minimum system voltage and the maximum
input voltage.
For
VIN=14V,
VSYS_MIN=3.6V,
L=1.2µH,
fS=1.6MHz, r =0.1%, the output capacitor can
be calculated as:
r
L
f
8
V
V
1
2
C
2
S
IN
MIN
_
SYS
(13)
We can then choose a 22µF ceramic capacitor.
Resistor Choose for NTC Sensor
Figure 8 shows an internal resistor divider
reference circuit to limit the low temperature
threshold and high temperature threshold at
65%·VCC and 33.5%·VCC, respectively. For a
given NTC thermistor, select appropriate RT1
and RT2 to set the NTC window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com