Electronic Components Datasheet Search
  English  ▼

X  

MP2625 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2625
Description  2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2625 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2625 Datasheet HTML 13Page - Monolithic Power Systems MP2625 Datasheet HTML 14Page - Monolithic Power Systems MP2625 Datasheet HTML 15Page - Monolithic Power Systems MP2625 Datasheet HTML 16Page - Monolithic Power Systems MP2625 Datasheet HTML 17Page - Monolithic Power Systems MP2625 Datasheet HTML 18Page - Monolithic Power Systems MP2625 Datasheet HTML 19Page - Monolithic Power Systems MP2625 Datasheet HTML 20Page - Monolithic Power Systems MP2625 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
MP2625
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2625 Rev. 1.12
www.MonolithicPower.com
17
10/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
VBATT+40mV
Enable Ideal Diode Mode
VSYS
Disable Ideal Diode Mode
VBATT-40mV
Figure 3
— Ideal Diode Mode Enable/Disable
In summary, the terminal battery voltage is 4.2V
(typical) when SYSFB is float or programmed
higher than battery full threshold-4.2V, and VSYS-
IBF40mΩ when SYSFB is connected to the
resistor divider- programmed lower than 4.2V.
Automatic Recharge
Once the battery charge cycle is completed, the
MP2625 turns off indicating the battery full status.
During this process, the battery power may be
consumed by the system load or self discharge.
If the input power is always on, to ensure the
battery not to be exhausted, the new charge
cycle will automatically begin when the battery
voltage falls below the auto-recharge threshold
VRCHG which is typically 4V when the SYSFB is
float, and 50mV lower if the SYSFB is connected
to a resistor divider. The timer will re-start when
the auto-recharge cycle begins.
During the charge off state when the battery is
fully charged, if the input power is recycled, or
the EN signal is refreshed, the charge cycle will
re-start and the timer will refresh even if the
battery voltage is above the auto-recharge
threshold.
Charge Current Setting
The
charge
current
of
the
MP2625
is
programmed using a single resistor from ISET
pin to ground. The program resistor and charge
current
are
calculated
using
the
following
equations:
CHG
SET
1800
I
1.15
(mA)
R
(k )

At either constant current mode or constant
voltage mode, the voltage at the ISET pin is
proportional
to
the
actual
charge
current
delivered to the battery, IBATT. The charge current
can be calculated by monitoring the ISET pin
voltage with the following formula:
CHG
ISET
BAT T
I
×
1.15
V
=
I
Additionally, the actual battery charge current
may be lower than the programmed current due
to limited input power available and prioritization
of the system load.
Battery charge full current threshold IBF is set
internally at 10% of the programmed charge
current. However, IBF has a 150mA maximum
limit which can not be exceeded.
Logic Control
The MP2625 has two separate enable control
pins.
EN
_____
is a logic control pin that controls the
operation of the whole IC. When EN
_____
is low, the
IC is enabled and the PWM converter output
powers the system and the charger. When EN
_____
is
high, both the PWM converter and the charger
are disabled. The BATT to SYS switch turns fully
on to connect the battery to power the system.
The ISET pin can be also used to control the
operation of the charger. Setting ISET pin floating
will disable the charger function while the output
of PWM converter will continue supply power to
system. On the other hand, a resistor from ISET
to AGND will enable the charging at the
programmed charge current.
The logic control of the ISET pin of the MP2625
can be realized as Figure 4. In this way, the user
can choose logic low to be “on” signal or logic
high to be
”off” signal with a N-MOSFET.
ISET
RISET
OFF ON
Figure 4
— ISET Logic Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com