Electronic Components Datasheet Search
  English  ▼

X  

MP2625 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2625
Description  2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2625 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2625 Datasheet HTML 10Page - Monolithic Power Systems MP2625 Datasheet HTML 11Page - Monolithic Power Systems MP2625 Datasheet HTML 12Page - Monolithic Power Systems MP2625 Datasheet HTML 13Page - Monolithic Power Systems MP2625 Datasheet HTML 14Page - Monolithic Power Systems MP2625 Datasheet HTML 15Page - Monolithic Power Systems MP2625 Datasheet HTML 16Page - Monolithic Power Systems MP2625 Datasheet HTML 17Page - Monolithic Power Systems MP2625 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MP2625
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2625 Rev. 1.12
www.MonolithicPower.com
14
10/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Introduction
The MP2625 is a switching charger IC, with
integrated smart power path management for
powering the system and charging a single cell
battery simultaneously and independently.
The MP2625 includes a high-voltage (up to 14V)
input DC-DC step down converter for wide range
of DC sources and USB inputs. It has precision
average input current limit to make maximum use
of the allowable input power. This feature allows
fast charging when powering from an USB port,
and ensures the input current never exceeds the
input power specification especially when the
input power comes from a USB port. Additionally,
the
input
current
limit
threshold
can
be
programmed by logic inputs or a resistor to
ground from the ILIM pin.
The MP2625 implements an on-chip 4
0mΩ
MOSFET which works as a full-featured linear
charger
with
trickle
charge,
high
accuracy
constant current and constant voltage charge,
charge termination, auto recharge, NTC monitor,
built-in timer control, charge status indication,
and thermal protection. The charge current can
be
programmed
by
an
external
resistor
connected from the ISET pin to AGND. The IC
limits
the
charge
current
when
the
die
temperature exceeds 120°C.
The 4
0mΩ MOSFET works as an ideal diode to
connecting the battery to the system load when
the input power is not enough to power the
system load. When the input is removed, the
40m
Ω MOSFET is turned on allowing the battery
to power up the system.
With smart power path management, the system
load is satisfied in priority then the remaining
current is used to charge the battery. The
MP2625 will reduce charging current or even use
power from the battery to satisfy the system load
when its demand is over the input power
capacity.
Figure 1 shows the function block diagram of
MP2625.
DC-DC Step Down Converter
The DC-DC converter is a 1.6MHz constant
frequency
step-down
switching
regulator
to
provide the input power to the SYS, which drives
the combination of the system load and battery
charger. The regulator contains input current
measurement and control scheme to ensure the
average input current remains below the level
programmed via ILIM pin or logic inputs M0&M1.
This meets the adapter capacity limit or stays in
compliance with USB specification.
When the input voltage is higher than UVLO and
310mV higher than the battery voltage, input
voltage OK signal is active (ACOK
——————
turns low) and
the DC-DC converter soft-starts. If the input
power is sufficient to supply the combination of
the system load and battery charger, and the
input current limit loop is not triggered. The
converter output voltage VSYS will be regulated:
1) If BATT>3.4V, VSYS is approximately 0.2V
above the battery voltage to minimize the power
loss of the battery charger during fast charging.
2) If BATT<3.4V, VSYS is fixed at 3.6V to power
the system immediately even when a drained
battery is inserted to be charged. Figure 2 shows
the relationship of VSYS vs. VBATT.
System voltage can also be regulated to any
value between 3.6V to 4.4V by using a resistor
divider on the SYSFB pin. This is shown as R6
and R7 in Figure 9. If the SYSFB is left floating,
the system program is invalid, and VSYS is
regulated as Figure 2.
The converter adopts fixed off-time control to
extend the duty cycle (close to 100%) when the
input of the converter is close to VSYS.
4.4V
4.2V
3.6V
4.2V
3.4V
200mV
VBATT
VS YS
Figure 2
— SYS Regulation Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com