Electronic Components Datasheet Search
  English  ▼

X  

74HC595BQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC595BQ
Description  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC595BQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC595BQ Datasheet HTML 3Page - NXP Semiconductors 74HC595BQ Datasheet HTML 4Page - NXP Semiconductors 74HC595BQ Datasheet HTML 5Page - NXP Semiconductors 74HC595BQ Datasheet HTML 6Page - NXP Semiconductors 74HC595BQ Datasheet HTML 7Page - NXP Semiconductors 74HC595BQ Datasheet HTML 8Page - NXP Semiconductors 74HC595BQ Datasheet HTML 9Page - NXP Semiconductors 74HC595BQ Datasheet HTML 10Page - NXP Semiconductors 74HC595BQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
74HC_HCT595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 12 December 2011
7 of 24
NXP Semiconductors
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output latches;
3-state
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Recommended operating conditions
Symbol Parameter
Conditions
74HC595
74HCT595
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
t/V
input transition rise and
fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ
Max
Min
Max
74HC595
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
all outputs
IO = 20 A; VCC = 2.0 V
1.9
2.0
-
1.9
-
V
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
V
IO = 20 A; VCC = 6.0 V
5.9
6.0
-
5.9
-
V
Q7S output
IO = 4mA; VCC = 4.5 V
3.84
4.32
-
3.7
-
V
IO = 5.2 mA; VCC = 6.0 V
5.34
5.81
-
5.2
-
V
Qn bus driver outputs
IO = 6mA; VCC = 4.5 V
3.84
4.32
-
3.7
-
V
IO = 7.8 mA; VCC = 6.0 V
5.34
5.81
-
5.2
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com