Electronic Components Datasheet Search
  English  ▼

X  

74HC595BQ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC595BQ
Description  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC595BQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC595BQ Datasheet HTML 5Page - NXP Semiconductors 74HC595BQ Datasheet HTML 6Page - NXP Semiconductors 74HC595BQ Datasheet HTML 7Page - NXP Semiconductors 74HC595BQ Datasheet HTML 8Page - NXP Semiconductors 74HC595BQ Datasheet HTML 9Page - NXP Semiconductors 74HC595BQ Datasheet HTML 10Page - NXP Semiconductors 74HC595BQ Datasheet HTML 11Page - NXP Semiconductors 74HC595BQ Datasheet HTML 12Page - NXP Semiconductors 74HC595BQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
74HC_HCT595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 12 December 2011
9 of 24
NXP Semiconductors
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output latches;
3-state
IOZ
OFF-state
output current
VI =VIH or VIL; VCC =5.5 V;
VO =VCC or GND
--
5.0
-
10
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =5.5 V
-
-
80
-
160
A
I
CC
additional
supply current
per input pin; IO =0A; VI =VCC
2.1 V; other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
pins MR, SHCP, STCP, OE
-
150
675
-
735
A
pin DS
-
25
113
-
123
A
CI
input
capacitance
-3.5
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com