Electronic Components Datasheet Search
  English  ▼

X  

74HC595BQ Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74HC595BQ
Description  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC595BQ Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HC595BQ Datasheet HTML 10Page - NXP Semiconductors 74HC595BQ Datasheet HTML 11Page - NXP Semiconductors 74HC595BQ Datasheet HTML 12Page - NXP Semiconductors 74HC595BQ Datasheet HTML 13Page - NXP Semiconductors 74HC595BQ Datasheet HTML 14Page - NXP Semiconductors 74HC595BQ Datasheet HTML 15Page - NXP Semiconductors 74HC595BQ Datasheet HTML 16Page - NXP Semiconductors 74HC595BQ Datasheet HTML 17Page - NXP Semiconductors 74HC595BQ Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
74HC_HCT595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 12 December 2011
14 of 24
NXP Semiconductors
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output latches;
3-state
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 12. Master reset to output propagation delays
mna561
MR input
SHCP input
Q
7S output
tPHL
tW
trec
VM
VOH
VOL
VI
GND
VI
GND
VM
VM
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 13. Enable and disable times
msa697
tPLZ
tPHZ
outputs
disabled
outputs
enabled
90 %
10 %
outputs
enabled
OE input
VM
tPZL
tPZH
VM
VM
Qn output
LOW-to-OFF
OFF-to-LOW
Qn output
HIGH-to-OFF
OFF-to-HIGH
tr
tf
90 %
10 %
Table 8.
Measurement points
Type
Input
Output
VM
VM
74HC595
0.5VCC
0.5VCC
74HCT595
1.3 V
1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com