Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 330 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 330 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 326Page - Microchip Technology PIC16 Datasheet HTML 327Page - Microchip Technology PIC16 Datasheet HTML 328Page - Microchip Technology PIC16 Datasheet HTML 329Page - Microchip Technology PIC16 Datasheet HTML 330Page - Microchip Technology PIC16 Datasheet HTML 331Page - Microchip Technology PIC16 Datasheet HTML 332Page - Microchip Technology PIC16 Datasheet HTML 333Page - Microchip Technology PIC16 Datasheet HTML 334Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 418 page
background image
PIC16(L)F1508/9
DS40001609C-page 330
 2011-2013 Microchip Technology Inc.
D019B
—
6
16
A1.8
FOSC = 32 kHz,
External Clock (ECL),
Low-Power mode
—8
22
A3.0
D019B
—
13
28
A
2.3
FOSC = 32 kHz,
External Clock (ECL),
Low-Power mode
—
15
31
A
3.0
—
16
36
A
5.0
D019C
—
19
35
A1.8
FOSC = 500 kHz,
External Clock (ECL),
Low-Power mode
—32
55
A3.0
D019C
—
31
52
A
2.3
FOSC = 500 kHz,
External Clock (ECL),
Low-Power mode
—
38
65
A
3.0
—
44
74
A
5.0
D020
—
140
210
A1.8
FOSC = 4 MHz,
EXTRC (Note 3)
—
250
330
A3.0
D020
—
210
290
A
2.3
FOSC = 4 MHz,
EXTRC (Note 3)
—
280
380
A
3.0
—
350
470
A
5.0
D021
—
1135
1700
A3.0
FOSC = 20 MHz,
HS Oscillator
D021
—
1170
1800
A
3.0
FOSC = 20 MHz,
HS Oscillator
—
1555
2300
A
5.0
TABLE 29-2:
SUPPLY CURRENT (IDD)(1,2) (CONTINUED)
PIC16LF1508/9
Standard Operating Conditions (unless otherwise stated)
PIC16F1508/9
Param.
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave,
from rail-to-rail; all I/O pins tri-stated, pulled to VSS; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption.
3:
For EXTRC oscillator configurations, current through REXT is not included. The current through the resis-
tor can be extended by the formula IR = VDD/2REXT (mA) with REXT in k
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com